Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA32HVB Datasheet(PDF) 97 Page - ATMEL Corporation

Part # ATMEGA32HVB
Description  32 x 8 General Purpose Working Registers
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32HVB Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button ATMEGA32HVB Datasheet HTML 93Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 94Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 95Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 96Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 97Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 98Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 99Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 100Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 275 page
background image
97
8042B–AVR–06/10
ATmega16HVB/32HVB
• Bit 2 – OCFnB: Output Compare Flag n B
The OCFnB bit is set when a Compare Match occurs between the Timer/Counter and the data in
OCRnB – Output Compare Register n B. OCFnB is cleared by hardware when executing the
corresponding interrupt handling vector. Alternatively, OCFnB is cleared by writing a logic one to
the flag. When the I-bit in SREG, OCIEnB (Timer/Counter Compare B Match Interrupt Enable),
and OCFnB are set, the Timer/Counter Compare Match Interrupt is executed.
The OCFnB is not set in 16-bit Output Compare mode when the Output Compare Register
OCRnB is used as the high byte of the 16-bit Output Compare Register or in 16-bit Input Cap-
ture mode when the Output Compare Register OCRnB is used as the high byte of the Input
Capture Register.
• Bit 1 – OCFnA: Output Compare Flag n A
The OCFnA bit is set when a Compare Match occurs between the Timer/Counter n and the data
in OCRnA – Output Compare Register n. OCFnA is cleared by hardware when executing the
corresponding interrupt handling vector. Alternatively, OCFnA is cleared by writing a logic one to
the flag. When the I-bit in SREG, OCIEnA (Timer/Counter n Compare Match Interrupt Enable),
and OCFnA are set, the Timer/Counter n Compare Match Interrupt is executed.
The OCFnA is also set in 16-bit mode when a Compare Match occurs between the Timer/Coun-
ter n and 16-bit data in OCRnB/A. The OCFnA is not set in Input Capture mode when the Output
Compare Register OCRnA is used as an Input Capture Register.
• Bit 0 – TOVn: Timer/Counter n Overflow Flag
The bit TOVn is set when an overflow occurs in Timer/Counter n. TOVn is cleared by hardware
when executing the corresponding interrupt handling vector. Alternatively, TOVn is cleared by
writing a logic one to the flag. When the SREG I-bit, TOIEn (Timer/Counter n Overflow Interrupt
Enable), and TOVn are set, the Timer/Counter n Overflow interrupt is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com