Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA32HVB Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATMEGA32HVB
Description  32 x 8 General Purpose Working Registers
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32HVB Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATMEGA32HVB Datasheet HTML 29Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 30Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 31Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 32Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 33Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 34Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 35Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 36Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 275 page
background image
33
8042B–AVR–06/10
ATmega16HVB/32HVB
• Bit 7 – CLKPCE: Clock Prescaler Change Enable
The CLKPCE bit must be written to logic one to enable change of the CLKPS bits. The CLKPCE
bit is only updated when the other bits in CLKPR are simultaneously written to zero. CLKPCE is
cleared by hardware four cycles after it is written or when CLKPS bits are written. Rewriting the
CLKPCE bit within this time-out period does neither extend the time-out period, or clear the CLK-
PCE bit.
• Bit 1:0 – CLKPS[1:0]: Clock Prescaler Select Bit[1:0]
These bits define the division factor between the selected clock source and the internal system
clock. These bits can be written run-time to vary the clock frequency to suit the application
requirements. As the divider divides the master clock input to the MCU, the speed of all synchro-
nous peripherals is reduced when a division factor is used. The division factors are given in
Table 9-4 on page 33. Note that writing to the System Clock Prescaler Select bits will abort any
ongoing VADC conversion.
Note:
1. When changing Prescaler value, the VADC Prescaler will automatically change frequency of
the VADC clock and abort any ongoing conversion.
9.8.4
OSICSR – Oscillator Sampling Interface Control and Status Register
• Bits 7:5, 3:2 – Reserved
These bits are reserved in the ATmega16HVB/32HVB and will always read as zero.
Table 9-4.
System Clock Prescaler Select
CLKPS1
CLKPS0
Clock Division Factor
00
1
01
2
10
4
11
8
Table 9-5.
VADC Clock Prescaling(1)
CLKPS1
CLKPS0
VADC Division Factor
00
8
01
4
10
2
11
1
Bit
7
6
5
4
3
2
1
0
0x17 (0x37)
–
–
–
OSISEL0
–
–
OSIST
OSIEN
OSICSR
Read/Write
R
R
R
R/W
R
R
R
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com