Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA32HVB Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ATMEGA32HVB
Description  32 x 8 General Purpose Working Registers
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32HVB Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ATMEGA32HVB Datasheet HTML 24Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 25Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 26Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 27Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 28Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 29Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 30Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 31Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 275 page
background image
28
8042B–AVR–06/10
ATmega16HVB/32HVB
1.
To determine the accurate clock period as a function of die temperature, if needed by the
application, the Oscillator Sampling Interface should be used. Refer to section ”OSI –
Oscillator Sampling Interface” on page 29 for details.
2.
To determine a fixed value for the actual clock period independent of the die temperature,
for example to determine the best setting of the Battery Protection timing, use the calibra-
tion byte ULP_RC_FRQ stored in the signature address space, refer to section ”Reading
the Signature Row from Software” on page 199 for details.
9.3
Clock Startup Sequence
When the CPU wakes up from Power-save, the CPU clock source is used to time the start-up,
ensuring a stable clock before instruction execution starts. When the CPU starts from reset,
there is an additional delay allowing the voltage regulator to reach a stable level before com-
mencing normal operation. The Ultra Low Power RC Oscillator is used for timing this real-time
part of the start-up time. Start-up times are determined by the SUT Fuses as shown in Table 9-2
on page 27. The number of Ultra Low Power RC Oscillator cycles used for each time-out is
shown in Table 9-3.
Note:
1. The actual value depends on the actual clock period of the Ultra Low Power RC Oscillator,
refer to ”Ultra Low Power RC Oscillator” on page 27 for details.
9.4
Clock Output
The CPU clock divided by 2 can be output to the PB1 pin. The CPU can enable the clock output
function by setting the CKOE bit in the MCU Control Register. The clock will not run in any sleep
modes.
9.5
System Clock Prescaler
The ATmega16HVB/32HVB has a System Clock Prescaler, used to prescale the Calibrated Fast
RC Oscillator. The system clock can be divided by setting the ”CLKPR – Clock Prescale Regis-
ter” on page 32, and this enables the user to decrease or increase the system clock frequency
as the requirement for power consumption and processing power changes. This system clock
will affect the clock frequency of the CPU and all synchronous peripherals. clk
I/O, clkCPU and clk-
FLASH are divided by a factor as shown in Table 9-4 on page 33.
When switching between prescaler settings, the System Clock Prescaler ensures that no
glitches occurs in the clock system. It also ensures that no intermediate frequency is higher than
Table 9-3.
Number of Ultra Low Power RC Oscillator Cycles
Typ Time-out(1)
Number of Cycles
4 ms
512
8 ms
1K
16 ms
2K
32 ms
4K
64 ms
8K
128 ms
16K
256 ms
32K
512 ms
64K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com