Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA32HVB Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATMEGA32HVB
Description  32 x 8 General Purpose Working Registers
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32HVB Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATMEGA32HVB Datasheet HTML 25Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 26Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 27Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 28Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 29Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 30Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 31Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 32Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 275 page
background image
29
8042B–AVR–06/10
ATmega16HVB/32HVB
neither the clock frequency corresponding to the previous setting, nor the clock frequency corre-
sponding to the new setting.
The ripple counter that implements the prescaler runs at the frequency of the undivided clock,
and may be faster than the CPU's clock frequency. It is not possible to determine the state of the
prescaler, and the exact time it takes to switch from one clock division to the other cannot be
exactly predicted. From the time the CLKPS values are written, it takes between T1 + T2 and T1
+ 2*T2 before the new clock frequency is active. In this interval, two active clock edges are pro-
duced. Here, T1 is the previous clock period, and T2 is the period corresponding to the new
prescaler setting.
To avoid unintentional changes of clock frequency, a special write procedure must be followed
to change the CLKPS bits:
1.
Write the Clock Prescaler Change Enable (CLKPCE) bit to one and all other bits in
CLKPR to zero.
2.
Within four cycles, write the desired value to CLKPS while writing a zero to CLKPCE.
Interrupts must be disabled when changing prescaler setting to make sure the write procedure is
not interrupted.
9.6
VADC Clock Prescaler
The VADC clock will be automatically prescaled relative to the System Clock Prescaler settings,
see ”System Clock Prescaler” on page 28. Depending on the Clock Prescale Select bits,
CLKPS1..0, the VADC clock, clk
VADC, will be prescaled by 8, 4, 2 or 1 as shown in Table 9-5 on
page 33.
9.7
OSI – Oscillator Sampling Interface
9.7.1
Features
• Runtime selectable oscillator input (Slow RC or ULP RC Oscillator)
• 7 bit prescaling of the selected oscillator
• Software read access to the phase of the prescaled clock
• Input capture trigger source for Timer/Counter0
9.7.2
Overview
The Oscillator Sampling Interface (OSI) enables sampling of the Slow RC and Ultra Low Power
RC (ULP) oscillators in ATmega16HVB/32HVB. OSI can be used to calibrate the Fast RC Oscil-
lator runtime with high accuracy. OSI can also provide an accurate reference for compensating
the ULP Oscillator frequency drift.
The prescaled oscillator phase can be continuously read by the CPU through the OSICSR regis-
ter. In addition, the input capture function of Timer/Counter0 can be set up to trigger on the rising
edge of the prescaled clock. This enables accurate measurements of the oscillator frequencies
relative to the Fast RC Oscillator.
A simplified block diagram of the Oscillator Sampling Interface is shown in Figure 9-2 on page
30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com