Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 103 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 99Page - ATMEL Corporation ATMEGA261 Datasheet HTML 100Page - ATMEL Corporation ATMEGA261 Datasheet HTML 101Page - ATMEL Corporation ATMEGA261 Datasheet HTML 102Page - ATMEL Corporation ATMEGA261 Datasheet HTML 103Page - ATMEL Corporation ATMEGA261 Datasheet HTML 104Page - ATMEL Corporation ATMEGA261 Datasheet HTML 105Page - ATMEL Corporation ATMEGA261 Datasheet HTML 106Page - ATMEL Corporation ATMEGA261 Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 226 page
background image
103
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
The Timer/Counter Overflow Flag (TOV1) is set in the same clock cycle as the TCNT1 becomes
zero. The TOV1 Flag in this case behaves like a 11th bit, except that it is only set, not cleared.
However, combined with the timer overflow interrupt, that automatically clears the TOV1 Flag,
the timer resolution can be increased by software. There are no special cases to consider in the
Normal mode, a new counter value can be written anytime.
The Output Compare Unit can be used to generate interrupts at some given time. Using the Out-
put Compare to generate waveforms in Normal mode is not recommended, since this will
occupy too much of the CPU time. For generating a waveform, the OCW1x output can be set to
toggle its logical level on each Compare Match by setting the Compare Output mode bits to tog-
gle mode (COM1x1:0 = 1). The OC1x value will not be visible on the port pin unless the data
direction for the pin is set to output. The waveform generated will have a maximum frequency of
f
OC1x = fclkT1/4 when OCR1C is set to zero. The waveform frequency is defined by the following
equation:
Resolution shows how many bit is required to express the value in the OCR1C register. It is cal-
culated by following equation:
Resolution
PWM = log2(OCR1C + 1).
The Output Compare Pin configurations in Normal Mode are described in Table 16-2.
16.7.2
Fast
PWM Mode
The fast Pulse Width Modulation or fast PWM mode (PWM1x = 1 and WGM10 = 0) provides a
high frequency PWM waveform generation option. The fast PWM differs from the other PWM
option by its single-slope operation. The counter counts from BOTTOM to TOP (defined as
OCR1C) then restarts from BOTTOM. In non-inverting Compare Output mode the Waveform
Output (OCW1x) is cleared on the Compare Match between TCNT1 and OCR1x and set at
BOTTOM. In inverting Compare Output mode, the Waveform Output is set on Compare Match
and cleared at BOTTOM. In complementary Compare Output mode the Waveform Output is
cleared on the Compare Match and set at BOTTOM.
Due to the single-slope operation, the operating frequency of the fast PWM mode can be twice
as high as the Phase and Frequency Correct PWM mode that use dual-slope operation. This
high frequency makes the fast PWM mode well suited for power regulation, rectification, and
DAC applications. High frequency allows physically small sized external components (coils,
capacitors), and therefore reduces total system cost.
The timing diagram for the fast PWM mode is shown in Figure 16-11. The counter is incre-
mented until the counter value matches the TOP value. The counter is then cleared at the
following timer clock cycle. The TCNT1 value is in the timing diagram shown as a histogram for
illustrating the single-slope operation.
Table 16-2.
Output Compare Pin Configurations in Normal Mode
COM1x1
COM1x0
OC1x Pin
OC1x Pin
0
0
Disconnected
Disconnected
0
1
Disconnected
OC1x
1
0
Disconnected
OC1x
1
1
Disconnected
OC1x
fOC1x
f
clkT1
21
OCR1C
+
()
⋅
---------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com