Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 107 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 107 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 103Page - ATMEL Corporation ATMEGA261 Datasheet HTML 104Page - ATMEL Corporation ATMEGA261 Datasheet HTML 105Page - ATMEL Corporation ATMEGA261 Datasheet HTML 106Page - ATMEL Corporation ATMEGA261 Datasheet HTML 107Page - ATMEL Corporation ATMEGA261 Datasheet HTML 108Page - ATMEL Corporation ATMEGA261 Datasheet HTML 109Page - ATMEL Corporation ATMEGA261 Datasheet HTML 110Page - ATMEL Corporation ATMEGA261 Datasheet HTML 111Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 226 page
background image
107
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
16.7.4
PWM6 Mode
The PWM6 Mode (PWM1A = 1, WGM11 = 1 and WGM10 = x) provide PWM waveform genera-
tion option e.g. for controlling Brushless DC (BLDC) motors. In the PWM6 Mode the OCR1A
Register controls all six Output Compare waveforms as the same Waveform Output (OCW1A)
from the Waveform Generator is used for generating all waveforms. The PWM6 Mode also pro-
vides an Output Compare Override Enable Register (OC1OE) that can be used with an instant
response for disabling or enabling the Output Compare pins. If the Output Compare Override
Enable bit is cleared, the actual value from the port register will be visible on the port pin.
The PWM6 Mode provides two counter operation modes, a single-slope operation and a
dual-slope operation. If the single-slope operation is selected (the WGM10 bit is set to 0), the
counter counts from BOTTOM to TOP (defined as OCR1C) then restart from BOTTOM like in
Fast PWM Mode. The PWM waveform is generated by setting (or clearing) the Waveform Out-
put (OCW1A) at the Compare Match between OCR1A and TCNT1, and clearing (or setting) the
Waveform Output at the timer clock cycle the counter is cleared (changes from TOP to BOT-
TOM). The Timer/Counter Overflow Flag (TOV1) is set each time the counter reaches the TOP
and, if the interrupt is enabled, the interrupt handler routine can be used for updating the com-
pare value.
Whereas, if the dual-slope operation is selected (the WGM10 bit is set to 1), the counter counts
repeatedly from BOTTOM to TOP (defined as OCR1C) and then from TOP to BOTTOM like in
Phase and Frequency Correct PWM Mode. The PWM waveform is generated by setting (or
clearing) the Waveform Output (OCW1A) at the Compare Match between OCR1A and TCNT1
when the counter increments, and clearing (or setting) the Waveform Output at the he Compare
Match between OCR1A and TCNT1 when the counter decrements. The Timer/Counter Overflow
Flag (TOV1) is set each time the counter reaches the BOTTOM and, if the interrupt is enabled,
the interrupt handler routine can be used for updating the compare value.
The timing diagram for the PWM6 Mode in single-slope operation (WGM11 = 0) when the
COM1A1:0 bits are set to “10” is shown in Figure 16-13. The counter is incremented until the
counter value matches the TOP value. The counter is then cleared at the following timer clock
cycle. The TCNT1 value is in the timing diagram shown as a histogram for illustrating the sin-
gle-slope operation. The timing diagram includes Output Compare pins OC1A and OC1A, and
the corresponding Output Compare Override Enable bits (OC1OE1..OC1OE0).
Table 16-4.
Output Compare pin configurations in Phase and Frequency Correct PWM Mode
COM1x1
COM1x0
OC1x Pin
OC1x Pin
0
0
Disconnected
Disconnected
01OC1x
OC1x
1
0
Disconnected
OC1x
1
1
Disconnected
OC1x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com