Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 157 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 157 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 153Page - ATMEL Corporation ATMEGA261 Datasheet HTML 154Page - ATMEL Corporation ATMEGA261 Datasheet HTML 155Page - ATMEL Corporation ATMEGA261 Datasheet HTML 156Page - ATMEL Corporation ATMEGA261 Datasheet HTML 157Page - ATMEL Corporation ATMEGA261 Datasheet HTML 158Page - ATMEL Corporation ATMEGA261 Datasheet HTML 159Page - ATMEL Corporation ATMEGA261 Datasheet HTML 160Page - ATMEL Corporation ATMEGA261 Datasheet HTML 161Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 226 page
background image
157
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
19.10 Register Description
19.10.1
ADMUX – ADC Multiplexer Selection Register
• Bit 7:6 – REFS1:REFS0: Voltage Reference Selection Bits
These bits and the REFS2 bit from the ADC Control and Status Register B (ADCSRB) select the
voltage reference for the ADC, as shown in Table 19-4. If these bits are changed during a
conversion, the change will not go in effect until this conversion is complete (ADIF in ADCSR is
set). Whenever these bits are changed, the next conversion will take 25 ADC clock cycles. If
active channels are used, using AVCC or an external AREF higher than (AVCC - 1V) is not
recommended, as this will affect ADC accuracy. The internal voltage reference options may not
be used if an external voltage is being applied to the AREF pin.
• Bit 5 – ADLAR: ADC Left Adjust Result
The ADLAR bit affects the presentation of the ADC conversion result in the ADC Data Register.
Write one to ADLAR to left adjust the result. Otherwise, the result is right adjusted. Changing the
ADLAR bit will affect the ADC Data Register immediately, regardless of any ongoing conver-
sions. For a complete description of this bit, see “ADCL and ADCH – The ADC Data Register” on
page 161.
• Bits 4:0 – MUX4:0: Analog Channel and Gain Selection Bits
These bits and the MUX5 bit from the ADC Control and Status Register B (ADCSRB) select
which combination of analog inputs are connected to the ADC. In case of differential input, gain
selection is also made with these bits. Selecting the same pin as both inputs to the differential
gain stage enables offset measurements. Selecting the single-ended channel ADC11 enables
the temperature sensor. Refer to Table 19-5 for details. If these bits are changed during a
conversion, the change will not go into effect until this conversion is complete (ADIF in ADCSRA
is set).
Bit
7
65432
10
0x07 (0x27)
REFS1
REFS0
ADLAR
MUX4
MUX3
MUX2
MUX1
MUX0
ADMUX
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
00000
00
Table 19-4.
Voltage Reference Selections for ADC
REFS2
REFS1
REFS0
Voltage Reference (V
REF) Selection
X0
0
V
CC used as Voltage Reference, disconnected from AREF.
X0
1
External Voltage Reference at AREF pin, Internal Voltage
Reference turned off.
0
1
0
Internal 1.1V Voltage Reference.
0
1
1
Reserved.
11
0
Internal 2.56V Voltage Reference without external bypass
capacitor, disconnected from AREF.
11
1
Internal 2.56V Voltage Reference with external bypass capacitor
at AREF pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com