Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 161 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 161 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 157Page - ATMEL Corporation ATMEGA261 Datasheet HTML 158Page - ATMEL Corporation ATMEGA261 Datasheet HTML 159Page - ATMEL Corporation ATMEGA261 Datasheet HTML 160Page - ATMEL Corporation ATMEGA261 Datasheet HTML 161Page - ATMEL Corporation ATMEGA261 Datasheet HTML 162Page - ATMEL Corporation ATMEGA261 Datasheet HTML 163Page - ATMEL Corporation ATMEGA261 Datasheet HTML 164Page - ATMEL Corporation ATMEGA261 Datasheet HTML 165Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 226 page
background image
161
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
19.10.3
ADCL and ADCH – The ADC Data Register
19.10.3.1
ADLAR = 0
19.10.3.2
ADLAR = 1
When an ADC conversion is complete, the result is found in these two registers.
When ADCL is read, the ADC Data Register is not updated until ADCH is read. Consequently, if
the result is left adjusted and no more than 8-bit precision is required, it is sufficient to read
ADCH. Otherwise, ADCL must be read first, then ADCH.
The ADLAR bit in ADMUX, and the MUXn bits in ADMUX affect the way the result is read from
the registers. If ADLAR is set, the result is left adjusted. If ADLAR is cleared (default), the result
is right adjusted.
• ADC9:0: ADC Conversion Result
These bits represent the result from the conversion, as detailed in “ADC Conversion Result” on
page 154.
Table 19-6.
ADC Prescaler Selections
ADPS2
ADPS1
ADPS0
Division Factor
00
0
2
00
1
2
01
0
4
01
1
8
10
0
16
10
1
32
11
0
64
11
1
128
Bit
15
14131211
10
9
8
0x05 (0x25)
––––––
ADC9
ADC8
ADCH
0x04 (0x24)
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0
ADCL
765432
10
Read/Write
RRRR
RRRR
RRRR
RRRR
Initial Value
000000
00
000000
00
Bit
15
14131211
10
9
8
0x05 (0x25)
ADC9
ADC8
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADCH
0x04 (0x24)
ADC1
ADC0
––––
––
ADCL
765432
10
Read/Write
RRRR
RRRR
RRRR
RRRR
Initial Value
000000
00
000000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com