Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 163 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 163 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 159Page - ATMEL Corporation ATMEGA261 Datasheet HTML 160Page - ATMEL Corporation ATMEGA261 Datasheet HTML 161Page - ATMEL Corporation ATMEGA261 Datasheet HTML 162Page - ATMEL Corporation ATMEGA261 Datasheet HTML 163Page - ATMEL Corporation ATMEGA261 Datasheet HTML 164Page - ATMEL Corporation ATMEGA261 Datasheet HTML 165Page - ATMEL Corporation ATMEGA261 Datasheet HTML 166Page - ATMEL Corporation ATMEGA261 Datasheet HTML 167Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 226 page
background image
163
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
19.10.5
DIDR0 – Digital Input Disable Register 0
• Bits 7:4,2:0 – ADC6D:ADC0D: ADC6:0 Digital Input Disable
When this bit is written logic one, the digital input buffer on the corresponding ADC pin is dis-
abled. The corresponding PIN register bit will always read as zero when this bit is set. When an
analog signal is applied to the ADC7:0 pin and the digital input from this pin is not needed, this
bit should be written logic one to reduce power consumption in the digital input buffer.
• Bit 3 – AREFD: AREF Digital Input Disable
When this bit is written logic one, the digital input buffer on the AREF pin is disabled. The corre-
sponding PIN register bit will always read as zero when this bit is set. When an analog signal is
applied to the AREF pin and the digital input from this pin is not needed, this bit should be written
logic one to reduce power consumption in the digital input buffer.
19.10.6
DIDR1 – Digital Input Disable Register 1
• Bits 7..4 – ADC10D..ADC7D: ADC10..7 Digital Input Disable
When this bit is written logic one, the digital input buffer on the corresponding ADC pin is dis-
abled. The corresponding PIN register bit will always read as zero when this bit is set. When an
analog signal is applied to the ADC10:7 pin and the digital input from this pin is not needed, this
bit should be written logic one to reduce power consumption in the digital input buffer.
Table 19-7.
ADC Auto Trigger Source Selections
ADTS2
ADTS1
ADTS0
Trigger Source
0
0
0
Free Running mode
0
0
1
Analog Comparator
0
1
0
External Interrupt Request 0
0
1
1
Timer/Counter0 Compare Match A
1
0
0
Timer/Counter0 Overflow
1
0
1
Timer/Counter0 Compare Match B
1
1
0
Timer/Counter1 Overflow
1
1
1
Watchdog Interrupt Request
Bit
7
6
5432
10
0x01 (0x21)
ADC6D
ADC5D
ADC4D
ADC3D
AREFD
ADC2D
ADC1D
ADC0D
DIDR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0000
00
Bit
7
65
432
10
0x02 (0x22)
ADC10D
ADC9D
ADC8D
ADC7D
-
DIDR1
Read/Write
R/W
R/W
R/W
R/W
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com