Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 162 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 162 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 158Page - ATMEL Corporation ATMEGA261 Datasheet HTML 159Page - ATMEL Corporation ATMEGA261 Datasheet HTML 160Page - ATMEL Corporation ATMEGA261 Datasheet HTML 161Page - ATMEL Corporation ATMEGA261 Datasheet HTML 162Page - ATMEL Corporation ATMEGA261 Datasheet HTML 163Page - ATMEL Corporation ATMEGA261 Datasheet HTML 164Page - ATMEL Corporation ATMEGA261 Datasheet HTML 165Page - ATMEL Corporation ATMEGA261 Datasheet HTML 166Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 226 page
background image
162
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
19.10.4
ADCSRB – ADC Control and Status Register B
• Bit 7– BIN: Bipolar Input Mode
The gain stage is working in the unipolar mode as default, but the bipolar mode can be selected
by writing the BIN bit in the ADCSRB register. In the unipolar mode only one-sided conversions
are supported and the voltage on the positive input must always be larger than the voltage on
the negative input. Otherwise the result is saturated to the voltage reference. In the bipolar mode
two-sided conversions are supported and the result is represented in the two’s complement
form. In the unipolar mode the resolution is 10 bits and the bipolar mode the resolution is 9 bits +
1 sign bit.
• Bits 6 – GSEL: Gain Select
The Gain Select bit selects the 32x gain instead of the 20x gain and the 8x gain instead of the 1x
gain when the Gain Select bit is written to one.
• Bits 5 – Res: Reserved Bit
This bit is a reserved bit in the ATtiny261/461/861 and will always read as zero.
• Bits 4 – REFS2: Reference Selection Bit
These bit selects either the voltage reference of 1.1 V or 2.56 V for the ADC, as shown in Table
19-4. If active channels are used, using AVCC or an external AREF higher than (AVCC - 1V) is
not recommended, as this will affect ADC accuracy. The internal voltage reference options may
not be used if an external voltage is being applied to the AREF pin.
• Bits 3 – MUX5: Analog Channel and Gain Selection Bit 5
The MUX5 bit is the MSB of the Analog Channel and Gain Selection bits. Refer to Table 19-5 for
details. If this bit is changed during a conversion, the change will not go into effect until this
conversion is complete (ADIF in ADCSRA is set).
• Bits 2:0 – ADTS2:0: ADC Auto Trigger Source
If ADATE in ADCSRA is written to one, the value of these bits selects which source will trigger
an ADC conversion. If ADATE is cleared, the ADTS2:0 settings will have no effect. A conversion
will be triggered by the rising edge of the selected Interrupt Flag. Note that switching from a trig-
ger source that is cleared to a trigger source that is set, will generate a positive edge on the
trigger signal. If ADEN in ADCSRA is set, this will start a conversion. Switching to Free Running
mode (ADTS[2:0]=0) will not cause a trigger event, even if the ADC Interrupt Flag is set.
Bit
7
65
43
21
0
0x03 (0x23)
BIN
GSEL
-
REFS2
MUX5
ADTS2
ADTS1
ADTS0
ADCSRB
Read/Write
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com