Electronic Components Datasheet Search
  English  ▼

X  

TLV62065 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62065
Description  3-MHz 2A Step Down Converter in 2x2 SON Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62065 Datasheet(HTML) 4 Page - Texas Instruments

  TLV62065 Datasheet HTML 1Page - Texas Instruments TLV62065 Datasheet HTML 2Page - Texas Instruments TLV62065 Datasheet HTML 3Page - Texas Instruments TLV62065 Datasheet HTML 4Page - Texas Instruments TLV62065 Datasheet HTML 5Page - Texas Instruments TLV62065 Datasheet HTML 6Page - Texas Instruments TLV62065 Datasheet HTML 7Page - Texas Instruments TLV62065 Datasheet HTML 8Page - Texas Instruments TLV62065 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TLV62065
SLVSAC4 – NOVEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
Over full operating ambient temperature range, typical values are at TA = 25°C. Unless otherwise noted, specifications apply
for condition VIN = EN = 3.6V. External components CIN = 10mF 0603, COUT = 10mF 0603, L = 1.0mH, see the parameter
measurement information.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
2.9
5.5
V
IOUT = 0 mA, device operating in PFM mode
IQ
Operating quiescent current
18
mA
and not device not switching
ISD
Shutdown current
EN = GND, current into AVIN and PVIN combined
0.1
1
mA
Falling
1.73
1.78
1.83
VUVLO
Undervoltage lockout threshold
V
Rising
1.9
1.95
1.99
ENABLE, MODE
VIH
High level input voltage
2.9V
≤ VIN ≤ 5.5V
1.0
5.5
V
VIL
Low level input voltage
2.9V
≤ VIN ≤ 5.5V
0
0.4
V
IIN
Input bias current
EN, Mode tied to GND or AVIN
0.01
1
mA
POWER SWITCH
VIN = 3.6V
(1)
120
180
RDS(on)
High-side MOSFET on-resistance
m
Ω
VIN = 5.0V
(1)
95
150
VIN = 3.6V
(1)
90
130
RDS(on)
Low-side MOSFET on-resistance
m
Ω
VIN = 5.0V
(1)
75
100
Forward current limit MOSFET
ILIMF
3V
≤ VIN ≤ 3.6V
2300
2750
mA
high-side and low-side
Thermal shutdown
Increasing junction temperature
150
TSD
°C
Thermal shutdown hysteresis
Decreasing junction temperature
10
OSCILLATOR
fSW
Oscillator frequency
2.9V
≤ VIN ≤ 5.5V
2.6
3
3.4
MHz
OUTPUT
Vref
Reference voltage
600
mV
PWM operation, MODE = VIN ,
VFB(PWM)
Feedback voltage PWM Mode
–2.0
0
2.0
2.9V
≤ VIN ≤ 5.5V, 0 mA load
%
Feedback voltage PFM mode,
device in PFM mode, voltage positioning active(2)
VFB(PFM)
1
Voltage Positioning
Load regulation
-0.5
%/A
VFB
Line regulation
0
%/V
Activated with EN = GND, 2.9V
≤ VIN≤ 5.5V, 0.8 ≤
200
R(Discharge)
Internal discharge resistor
Ω
VOUT≤ 3.6V
tSTART
Start-up time
Time from active EN to reach 95% of VOUT
500
ms
(1)
Maximum value applies for TJ = 85°C
(2)
In PFM mode, the internal reference voltage is set to typ. 1.01×Vref. See the parameter measurement information.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TLV62065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com