Electronic Components Datasheet Search
  English  ▼

X  

TLV62065 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62065
Description  3-MHz 2A Step Down Converter in 2x2 SON Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62065 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV62065 Datasheet HTML 3Page - Texas Instruments TLV62065 Datasheet HTML 4Page - Texas Instruments TLV62065 Datasheet HTML 5Page - Texas Instruments TLV62065 Datasheet HTML 6Page - Texas Instruments TLV62065 Datasheet HTML 7Page - Texas Instruments TLV62065 Datasheet HTML 8Page - Texas Instruments TLV62065 Datasheet HTML 9Page - Texas Instruments TLV62065 Datasheet HTML 10Page - Texas Instruments TLV62065 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
I -LoadCurrent- A
L
50
55
60
65
70
75
80
85
90
95
100
V
=4.2V
IN
V
=5V
IN
V
=3.6V
IN
V
=3.3V
IN
V
=3V
IN
L =1.2 H(NRG4026T1R2),
C
=10 F(0603size),
V
=1.2V,
Mode: AutoPFM/PWM
m
m
OUT
OUT
50
55
60
65
70
75
80
85
90
95
100
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
I -LoadCurrent- A
L
L =1.2 H(NRG4026T1R2),
C
=10 F(0603size),
V
=1.8V,
Mode: AutoPFM/PWM
m
m
OUT
OUT
V
=4.2V
IN
V
=5V
IN
V
=3.6V
IN
V
=3.3V
IN
V
=3V
IN
TLV62065
www.ti.com
SLVSAC4 – NOVEMBER 2010
TYPICAL CHARACTERISTICS
Table 1. Table of Graphs
FIGURE
Load Current, VOUT = 1.2 V, Auto PF//PWM Mode, Linear Scale
Figure 1
Load Current, VOUT = 1.8 V, Auto PFM/PWM Mode, Linear Scale
Figure 2
h
Efficiency
Load Current, VOUT = 3.3 V, PFM/PWM Mode, Linear Scale
Figure 3
Load Current, VOUT = 1.8 V, Auto PFM/PWM Mode vs. Forced PWM
Figure 4
Mode, Logarithmic Scale
Load Current, VOUT = 1.8 V, Auto PFM/PWM Mode
Figure 5
Output Voltage Accuracy
Load Current, VOUT = 1.8 V, Forced PWM Mode
Figure 6
Shutdown Current
Input Voltage and Ambient Temperature
Figure 7
Quiescent Current
Input Voltage
Figure 8
Oscillator Frequency
Input Voltage
Figure 9
Input Voltage, Low-Side Switch
Figure 10
Static Drain-Source On-State
Resistance
Input Voltage, High-Side Switch
Figure 11
RDISCHARGE
Input Voltage vs. VOUT
Figure 12
PWM Mode, VIN = 3.6 V, VOUT = 1.8 V, 500 mA, L = 1.2 mH, COUT = 10mF
Figure 13
Typical Operation
PFM Mode, VIN = 3.6 V, VOUT = 1.8 V, 20 mA, L = 1.2 mH, COUT = 10mF
Figure 14
PWM Mode, VIN = 3.6 V, VOUT = 1.2 V, 0.2 mA to 1 A
Figure 15
Load Transient
PFM Mode, VIN = 3.6 V, VOUT = 1.2 V, 20 mA to 250 mA
Figure 16
VIN = 3.6 V, VOUT = 1.8 V, 200 mA to 1500 mA
Figure 17
PWM Mode, VIN = 3.6 V to 4.2 V, VOUT = 1.8 V, 500 mA
Figure 18
Line Transient
PFM Mode, VIN = 3.6 V to 4.2 V, VOUT = 1.8 V, 500 mA
Figure 19
Startup into Load
VIN = 3.6 V, VOUT = 1.8 V, Load = 2.2-Ω
Figure 20
Output Discharge
VIN = 3.6 V, VOUT = 1.8 V, No Load
Figure 21
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 1. VOUT = 1.2V, Auto PFM/PWM Mode,
Figure 2. VOUT = 1.8V, Auto PFM/PWM Mode,
Linear Scale
Linear Scale
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TLV62065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com