Electronic Components Datasheet Search
  English  ▼

X  

TLV62065 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62065
Description  3-MHz 2A Step Down Converter in 2x2 SON Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62065 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV62065 Datasheet HTML 7Page - Texas Instruments TLV62065 Datasheet HTML 8Page - Texas Instruments TLV62065 Datasheet HTML 9Page - Texas Instruments TLV62065 Datasheet HTML 10Page - Texas Instruments TLV62065 Datasheet HTML 11Page - Texas Instruments TLV62065 Datasheet HTML 12Page - Texas Instruments TLV62065 Datasheet HTML 13Page - Texas Instruments TLV62065 Datasheet HTML 14Page - Texas Instruments TLV62065 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TimeBase-10 µs/Div
I
500mA/Div
LOAD
I
1A/Div
COIL
SW2V/Div
V
100mV/Div
OUT
V
=3.6V,
V
=1.2V,
I
=0.2 A to1 A
MODE=V
IN
OUT
OUT
IN
TimeBase-10 µs/Div
I
500mA/Div
LOAD
I
1A/Div
COIL
SW2V/Div
V
100mV/Div
OUT
V
=3.6V,
V
=1.2V,
I
=20mA to250mA
IN
OUT
OUT
Time Base - 100 ms/Div
500 mV/Div
V
V
I
L =
IN
OUT
OUT
= 3.6 V to 4.2 V,
= 1.8 V,
= 500 mA
1.2 H,
m
50 mV/Div
TimeBase-100ms/Div
200mV/Div
V
=3.6V,
V
=1.8V,
L =1.2 H
C
=10
I
200mA to1500mA
IN
OUT
OUT
OUT
m
mF
1A/Div
2A/Div
TLV62065
www.ti.com
SLVSAC4 – NOVEMBER 2010
Figure 15. Load Transient Response
Figure 16. Load Transient
PWM Mode 0.2A To 1A
PFM Mode 20 mA to 250mA
Figure 17. Load Transient Response
Figure 18. Line Transient Response PWM Mode
200 mA To 1500 mA
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TLV62065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com