Electronic Components Datasheet Search
  English  ▼

X  

TLV62065 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62065
Description  3-MHz 2A Step Down Converter in 2x2 SON Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62065 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV62065 Datasheet HTML 5Page - Texas Instruments TLV62065 Datasheet HTML 6Page - Texas Instruments TLV62065 Datasheet HTML 7Page - Texas Instruments TLV62065 Datasheet HTML 8Page - Texas Instruments TLV62065 Datasheet HTML 9Page - Texas Instruments TLV62065 Datasheet HTML 10Page - Texas Instruments TLV62065 Datasheet HTML 11Page - Texas Instruments TLV62065 Datasheet HTML 12Page - Texas Instruments TLV62065 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
T =85°C
A
T =25°C
A
T =-40°C
A
0
0.25
0.50
0.75
1
0
5
10
15
20
25
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
T =85°C
A
T =25°C
A
T =-40°C
A
2.8
2.85
2.9
2.95
3
3.05
3.1
T =85°C
A
T =25°C
A
T =-40°C
A
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
0
0.02
0.04
0.06
0.08
0.1
0.12
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
T =85°C
J
T =25°C
J
T =-40°C
J
TLV62065
www.ti.com
SLVSAC4 – NOVEMBER 2010
SHUTDOWN CURRENT
QUIESCENT CURRENT
vs
vs
INPUT VOLTAGE AND AMBIENT TEMPERATURE
INPUT VOLTAGE
Figure 7.
Figure 8.
OSCILLATOR FREQUENCY
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 9.
Figure 10. Low-Side Switch
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TLV62065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com