Electronic Components Datasheet Search
  English  ▼

X  

TLV62065 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62065
Description  3-MHz 2A Step Down Converter in 2x2 SON Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62065 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV62065 Datasheet HTML 10Page - Texas Instruments TLV62065 Datasheet HTML 11Page - Texas Instruments TLV62065 Datasheet HTML 12Page - Texas Instruments TLV62065 Datasheet HTML 13Page - Texas Instruments TLV62065 Datasheet HTML 14Page - Texas Instruments TLV62065 Datasheet HTML 15Page - Texas Instruments TLV62065 Datasheet HTML 16Page - Texas Instruments TLV62065 Datasheet HTML 17Page - Texas Instruments TLV62065 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Outputvoltage
Vout (PWM)
Vout +1%
PFMComparator
threshold
VoltagePositioning
Lightload
PFMMode
moderatetoheavyload
PWMMode
TLV62065
SLVSAC4 – NOVEMBER 2010
www.ti.com
Figure 22. Power Save Mode Operation with automatic Mode transition
100% Duty Cycle Low Dropout Operation
The device starts to enter 100% duty cycle mode as the input voltage comes close to the nominal output voltage.
In order to maintain the output voltage, the High-Side MOSFET switch is turned on 100% for one or more cycles.
With further decreasing VIN the High-Side MOSFET switch is turned on completely. In this case the converter
offers a low input-to-output voltage difference. This is particularly useful in battery-powered applications to
achieve longest operation time by taking full advantage of the whole battery voltage range.
The minimum input voltage to maintain regulation depends on the load current and output voltage, and can be
calculated as:
VINmin = VOmax + IOmax × (RDS(on)max + RL)
With:
IOmax = maximum output current
RDS(on)max = maximum P-channel switch RDS(on).
RL = DC resistance of the inductor
VOmax = nominal output voltage plus maximum output voltage tolerance
Undervoltage Lockout
The under voltage lockout circuit prevents the device from malfunctioning at low input voltages and from
excessive discharge of the battery. It disables the output stage of the converter once the falling VIN trips the
under-voltage lockout threshold VUVLO. The under-voltage lockout threshold VUVLO for falling VIN is typically
1.78V. The device starts operation once the rising VIN trips under-voltage lockout threshold VUVLO again at
typically 1.95V.
Output Capacitor Discharge
With EN = GND, the device enters shutdown mode and all internal circuits are disabled. The SW pin is
connected to PGND via an internal resistor to discharge the output capacitor. This feature ensures a startup in a
discharged output capacitor once the converter is enabled again and prevents "floating" charge on the output
capacitor. The output voltage ramps up monotonic starting from 0V.
MODE SELECTION
The MODE pin allows mode selection between forced PWM mode and Power Save Mode.
14
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TLV62065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com