Electronic Components Datasheet Search
  English  ▼

X  

TLV62065 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62065
Description  3-MHz 2A Step Down Converter in 2x2 SON Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62065 Datasheet(HTML) 3 Page - Texas Instruments

  TLV62065 Datasheet HTML 1Page - Texas Instruments TLV62065 Datasheet HTML 2Page - Texas Instruments TLV62065 Datasheet HTML 3Page - Texas Instruments TLV62065 Datasheet HTML 4Page - Texas Instruments TLV62065 Datasheet HTML 5Page - Texas Instruments TLV62065 Datasheet HTML 6Page - Texas Instruments TLV62065 Datasheet HTML 7Page - Texas Instruments TLV62065 Datasheet HTML 8Page - Texas Instruments TLV62065 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TLV62065
www.ti.com
SLVSAC4 – NOVEMBER 2010
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
AVIN ,
Supply voltage
2.9
5.5
V
PVIN
Output current capability
2000
mA
Output voltage range for adjustable voltage
0.8
VIN
V
L
Effective Inductance Range
0.7
1.0
1.6
µH
COUT
Effective Output Capacitance Range
4.5
10
22
µF
TA
Operating ambient temperature(1)
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the
part/package in the application (qJA), as given by the following equation: TA(max)= TJ(max)–(qJA X PD(max))
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TLV62065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com