Electronic Components Datasheet Search
  English  ▼

X  

TLV62065 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62065
Description  3-MHz 2A Step Down Converter in 2x2 SON Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62065 Datasheet(HTML) 1 Page - Texas Instruments

  TLV62065 Datasheet HTML 1Page - Texas Instruments TLV62065 Datasheet HTML 2Page - Texas Instruments TLV62065 Datasheet HTML 3Page - Texas Instruments TLV62065 Datasheet HTML 4Page - Texas Instruments TLV62065 Datasheet HTML 5Page - Texas Instruments TLV62065 Datasheet HTML 6Page - Texas Instruments TLV62065 Datasheet HTML 7Page - Texas Instruments TLV62065 Datasheet HTML 8Page - Texas Instruments TLV62065 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
I - Load Current - A
L
V
= 4.2 V
IN
V
= 5 V
IN
V
= 3.7 V
IN
L = 1.2 H (NRG4026T 1R2),
C
= 22 F (0603 size),
V
= 3.3 V,
Mode: Auto PFM/PWM
m
m
OUT
OUT
TYPICAL APPLICATION CIRCUIT
L
1.0 H
m
C
10 F
OUT
m
V
= 2.9 V to 5.5 V
IN
C
22 pF
ff
R
180 k
2
W
R
360 k
1
W
C
10
IN
mF
PVIN
PGND
EN
FB
TLV62065
SW
AVIN
AGND
V
1.8 V 2 A
OUT
MODE
TLV62065
www.ti.com
SLVSAC4 – NOVEMBER 2010
3-MHz 2A Step Down Converter in 2x2 SON Package
Check for Samples: TLV62065
1
FEATURES
DESCRIPTION
2
•
VIN Range from 2.9V to 5.5V
•
Up to 97% Efficiency
The TLV62065 is a high efficient synchronous step
down DC-DC converter. It provides up to 2.0A output
•
Power Save Mode / 3MHz Fixed PWM Mode
current.
•
Output Voltage Accuracy in PWM Mode ±2.0%
With an input voltage range of 2.9V to 5.5V the
•
Output Capacitor Discharge Function
device is a perfect fit for power conversion from a 5V
•
Typical 18 µA Quiescent Current
or 3.3V system supply rail. The TLV62065 operates
•
100% Duty Cycle for Lowest Dropout
at 3MHz fixed frequency and enters Power Save
Mode operation at light load currents to maintain high
•
For Improved Feature Set See TPS62065
efficiency over the entire load current range. For low
•
Available in a 2x2x0.75mm SON
noise applications, TLV62065 can be forced into fixed
frequency PWM mode by pulling the MODE pin high.
APPLICATIONS
In the shutdown mode, the current consumption is
•
Point Of Load (POL)
reduced to less than 1µA and an internal circuit
•
Notebooks, Pocket PCs
discharges the output capacitor.
•
Portable Media Players
TLV62065 operates with a 1.0µH inductor and 10µF
•
Set Top Box
output capacitor.
The TLV62065 is available in a small 2x2x0.75mm 8-
pin SON package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV62065

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI2-TLV62065 Datasheet
2Mb / 27P
TLV62065 3-MHz 2-A Step-Down Converter in 2 × 2 WSON Package
REVISED DECEMBER 2015
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62065DSGR TI1-TLV62065DSGR Datasheet
1Mb / 27P
3-MHz 2A Step Down Converter in 2x2 SON Package
More results

Similar Description - TLV62065

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
3-MHz 1.6A Step Down Converter in 2x2 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
3-MHz 2A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com