Electronic Components Datasheet Search
  English  ▼

X  

TLV62065 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62065
Description  3-MHz 2A Step Down Converter in 2x2 SON Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62065 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV62065 Datasheet HTML 12Page - Texas Instruments TLV62065 Datasheet HTML 13Page - Texas Instruments TLV62065 Datasheet HTML 14Page - Texas Instruments TLV62065 Datasheet HTML 15Page - Texas Instruments TLV62065 Datasheet HTML 16Page - Texas Instruments TLV62065 Datasheet HTML 17Page - Texas Instruments TLV62065 Datasheet HTML 18Page - Texas Instruments TLV62065 Datasheet HTML 19Page - Texas Instruments TLV62065 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
TLV62065
V
= 1.8 V
up to 2 A
OUT
R
360 k
1
Ω
R
180 k
2
Ω
V
= 2.9 V to 5.5 V
IN
C
10
OUT
µ
F
C
10
IN
µ
F
PVIN
AVIN
EN
MODE
AGND
PGND
SW
FB
C
22 pF
ff
L
1.0 H
m
V
OUT + VREF
1 )
R
1
R
2
2
c
ff
1
=
= 35kHz
2
R
C
f
p
´
´
´
ff
2
1
C
=
2
R
35kHz
p
´
´
´
TLV62065
SLVSAC4 – NOVEMBER 2010
www.ti.com
APPLICATION INFORMATION
Figure 23. TLV62065 1.8V Adjustable Output Voltage Configuration
OUTPUT VOLTAGE SETTING
The output voltage can be calculated to:
with an internal reference voltage VREF typically 0.6V.
To minimize the current through the feedback divider network, R2 should be within the range of 120 kΩ to 360
k
Ω. The sum of R1 and R2 should not exceed ~1MΩ, to keep the network robust against noise. An external feed-
forward capacitor Cff is required for optimum regulation performance. Lower resistor values can be used. R1 and
Cff places a zero in the loop. The right value for Cff can be calculated as:
16
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TLV62065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com