Electronic Components Datasheet Search
  English  ▼

X  

TLV62065 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62065
Description  3-MHz 2A Step Down Converter in 2x2 SON Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62065 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV62065 Datasheet HTML 4Page - Texas Instruments TLV62065 Datasheet HTML 5Page - Texas Instruments TLV62065 Datasheet HTML 6Page - Texas Instruments TLV62065 Datasheet HTML 7Page - Texas Instruments TLV62065 Datasheet HTML 8Page - Texas Instruments TLV62065 Datasheet HTML 9Page - Texas Instruments TLV62065 Datasheet HTML 10Page - Texas Instruments TLV62065 Datasheet HTML 11Page - Texas Instruments TLV62065 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
I -LoadCurrent- A
L
V
=4.2V
IN
V
=5V
IN
V
=3.7V
IN
L =1.2 H(NRG4026T1R2),
C
=22 F(0603size),
V
=3.3V,
Mode: AutoPFM/PWM
m
m
OUT
OUT
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
I -LoadCurrent- A
L
L =1.2 H(NRG4026T1R2),
C
=10 F(0603size),
V
=1.8V
m
m
OUT
OUT
V
=3.3V
IN
V
=3.6V
V
=4.2V
V
=5V
IN
IN
IN
AutoPFM/PWMMode
V
=3.3V
IN
V
=3.6V
V
=4.2V
V
=5V
IN
IN
IN
ForcedPWMMode
1.710
1.728
1.746
1.764
1.782
1.800
1.818
1.836
1.854
1.872
1.890
0.001
0.01
0.1
1
10
I -LoadCurrent- A
L
L =1 H,
C
=10 F,
V
=1.8V,
Mode:ForcedPWM
m
m
OUT
OUT
V
=4.2V
IN
V
=5V
IN
V
=3.6V
IN
V
=3.3V
IN
VoltagePositioningPFMMode
PWMMode
0.001
0.01
0.1
1
10
I -LoadCurrent- A
L
L =1 H,
C
=10 F,
V
=1.8V,
Mode: AutoPFM/PWM
m
m
OUT
OUT
V
=4.2V
IN
V
=5V
IN
V
=3.6V
IN
V
=3.3V
IN
1.710
1.728
1.746
1.764
1.782
1.800
1.818
1.836
1.854
1.872
1.890
TLV62065
SLVSAC4 – NOVEMBER 2010
www.ti.com
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 3. VOUT = 3.3V, Auto PFM/PWM Mode,
Figure 4. Auto PFM/PWM Mode vs. Forced PWM Mode,
Linear Scale
Logarithmic Scale
OUTPUT VOLTAGE ACCURACY
OUTPUT VOLTAGE ACCURACY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 5. Auto PFM/PWM Mode
Figure 6. Forced PWM Mode
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TLV62065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com