Electronic Components Datasheet Search
  English  ▼

X  

TPS53321 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53321
Description  5-A Step-Down Regulator with Integrated Switcher
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53321 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS53321 Datasheet HTML 2Page - Texas Instruments TPS53321 Datasheet HTML 3Page - Texas Instruments TPS53321 Datasheet HTML 4Page - Texas Instruments TPS53321 Datasheet HTML 5Page - Texas Instruments TPS53321 Datasheet HTML 6Page - Texas Instruments TPS53321 Datasheet HTML 7Page - Texas Instruments TPS53321 Datasheet HTML 8Page - Texas Instruments TPS53321 Datasheet HTML 9Page - Texas Instruments TPS53321 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
1
2
3
4
EN
SYNC
PGD
VBST
12
11
10
9
16
VDD
AGND
FB
COMP
15
14
13
5
6
7
8
TPS53321
RGT Package
(Top View)
TPS53321
SLUSAF3 – DECEMBER 2010
www.ti.com
PIN FUNCTIONS
PIN
I/O(1)
DESCRIPTION
NAME
NO.
AGND
11
G
Device analog ground terminal.
COMP
9
O
Error amplifier compensation terminal. Type III compensation method is recommended for stability.
EN
1
I
Enable. Internally pulled up to VDD with a 1.35-M
Ω resistor.
FB
10
I
Voltage feedback. Also used for OVP, UVP and PGD determination.
PGD
3
O
Power good output flag. Open drain output. Pull up to an external rail via a resistor.
15
PGND
P
IC power GND terminal.
16
Mode configuration pin (with 10 µA current):
Connecting to ground: FCCM slave
Pulled high or floating (internal pulled high): FCCM master
PS
8
I
Connect a 24.3-k
Ω resistor to GND: DE slave
Connect a 57.6-k
Ω resistor to GND: HEF mode
Connect a 105-k
Ω resistor to GND : reserved mode
Connect a 174-k
Ω resistor to GND: DE master
Synchronization signal for input interleaving. Master SYNC pin sends out 180° out-of-phase signal to slave
SYNC
2
B
SYNC. SYNC frequency must be within ±20% of slave nominal frequency.
5
SW
6
B
Output inductor connection to integrated power devices.
7
VBST
4
P
Supply input for high-side MOSFET (bootstrap terminal). Connect capacitor from this pin to SW terminal.
VDD
12
P
Input bias supply for analog functions.
13
VIN
P
Gate driver supply and power conversion voltage input.
14
(1)
I – Input; B – Bidirectional; O – Output; G – Ground; P – Supply (or Ground)
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS53321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com