Electronic Components Datasheet Search
  English  ▼

X  

TPS53321 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53321
Description  5-A Step-Down Regulator with Integrated Switcher
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53321 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS53321 Datasheet HTML 9Page - Texas Instruments TPS53321 Datasheet HTML 10Page - Texas Instruments TPS53321 Datasheet HTML 11Page - Texas Instruments TPS53321 Datasheet HTML 12Page - Texas Instruments TPS53321 Datasheet HTML 13Page - Texas Instruments TPS53321 Datasheet HTML 14Page - Texas Instruments TPS53321 Datasheet HTML 15Page - Texas Instruments TPS53321 Datasheet HTML 16Page - Texas Instruments TPS53321 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TPS53321
www.ti.com
SLUSAF3 – DECEMBER 2010
Another set of overcurrent circuitry monitors the current flowing through low-side FET. If the current through the
low-side FET exceeds 6.8 A, the overcurrent protection is enabled and immediately turns off both the high-side
and the low-side FETs and shuts down the converter. The device is fully protected against overcurrent during
both on-time and off-time. The device attempts to restart after a hiccup delay of 14.5 ms (typical). If the
overcurrent condition clears before restart, the device starts up normally.
Overvoltage Protection
The TPS53321 monitors the voltage divided feedback voltage to detect overvoltage and undervoltage conditions.
When the feedback voltage is greater than 117% of the reference, the high-side MOSFET turns off and the
low-side MOSFET turns on. The output voltage then drops until it reaches the undervoltage threshold. At that
point the low-side MOSFET turns off and the device enters a high-impedance state.
Undervoltage Protection
When the feedback voltage is lower than 83% of the reference voltage, the undervoltage protection timer starts.
If the feedback voltage remains lower than the undervoltage threshold voltage after 10 ms, the device turns off
both the high-side and the low-side MOSFETs and goes into a high-impedance state. The device attempts to
restart after a hiccup delay of 14.5 ms (typical).
Overtemperature Protection
The TPS53321 continuously monitors the die temperature. If the die temperature exceeds the threshold value
(140
˚C typical), the device shuts off. When the device temperature falls to 40˚C below the overtemperature
threshold, it restarts and returns to normal operation.
Output Discharge
When the enable pin is low, the TPS53321 discharges the output capacitors through an internal MOSFET switch
between SW and PGND while high-side and low-side MOSFETs remain off. The typical discharge switch-on
resistance is 60
Ω. This function is disabled when VIN is less than 1 V.
Master/Slave Operation and Synchronization
Two TPS53321 can operate interleaved when configured as master/slave. The SYNC pins of the two devices are
connected together for synchronization. In CCM, the master device sends the 180° out-of-phase pulse to the
slave device through the SYNC pin, which determines the leading edge of the PWM pulse. If the slave device
does not receive the SYNC pulse from the master device or if the SYNC connection is broken during operation,
the slave device continues to operate using its own internal clock.
In DE mode, the master/slave switching node does not synchronize to each other if either one of them is
operating in DCM. When both master and slave enter CCM, the switching nodes of the master and the slave
synchronize to each other.
The SYNC pin of the slave device can also connect to external clock source within ±20% of the 1.1-MHz
switching frequency. The falling edge of the SYNC triggers the rising edge of the PWM signal.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :TPS53321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com