Electronic Components Datasheet Search
  English  ▼

X  

TPS53321 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53321
Description  5-A Step-Down Regulator with Integrated Switcher
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53321 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS53321 Datasheet HTML 4Page - Texas Instruments TPS53321 Datasheet HTML 5Page - Texas Instruments TPS53321 Datasheet HTML 6Page - Texas Instruments TPS53321 Datasheet HTML 7Page - Texas Instruments TPS53321 Datasheet HTML 8Page - Texas Instruments TPS53321 Datasheet HTML 9Page - Texas Instruments TPS53321 Datasheet HTML 10Page - Texas Instruments TPS53321 Datasheet HTML 11Page - Texas Instruments TPS53321 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Output Current (A)
VOUT = 1.0 V
VOUT = 1.2 V
VOUT = 1.5 V
VOUT = 1.8 V
VOUT = 2.5 V
Skip Mode
VIN = 3.3 V
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Output Current (A)
VOUT = 1.0 V
VOUT = 1.2 V
VOUT = 1.5 V
VOUT = 1.8 V
VOUT = 2.5 V
FCCM
VIN = 3.3 V
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Output Current (A)
VOUT = 1.0 V
VOUT = 1.2 V
VOUT = 1.5 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
Skip Mode
VIN = 5 V
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Output Current (A)
VOUT = 1.0 V
VOUT = 1.2 V
VOUT = 1.5 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
FCCM
VIN = 5 V
0.580
0.585
0.590
0.595
0.600
0.605
0.610
0.615
0.620
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
−0.5
−0.3
−0.1
0.1
0.3
0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Output Current (A)
VIN = 3.3 V
VIN = 5.0 V
TPS53321
SLUSAF3 – DECEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS
Inductor PCMC065T-1R0 (1 µH, 5.6 m
Ω) is used.
Figure 1. Efficiency vs. Output Current, Skip Mode,
Figure 2. Efficiency vs. Output Current, FCCM, VIN = 3.3 V
VIN = 3.3 V
Figure 3. Efficiency vs. Output Current, Skip Mode,
Figure 4. Efficiency vs. Output Current, FCCM,
VIN = 5 V
VIN = 5 V
Figure 5. Feedback Voltage vs. Ambient Temperature
Figure 6. Output Voltage Change vs. Output Current
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS53321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com