Electronic Components Datasheet Search
  English  ▼

X  

TPS53321 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53321
Description  5-A Step-Down Regulator with Integrated Switcher
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53321 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS53321 Datasheet HTML 13Page - Texas Instruments TPS53321 Datasheet HTML 14Page - Texas Instruments TPS53321 Datasheet HTML 15Page - Texas Instruments TPS53321 Datasheet HTML 16Page - Texas Instruments TPS53321 Datasheet HTML 17Page - Texas Instruments TPS53321 Datasheet HTML 18Page - Texas Instruments TPS53321 Datasheet HTML 19Page - Texas Instruments TPS53321 Datasheet HTML 20Page - Texas Instruments TPS53321 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
12
11
2
VDD
AGND
SYNC
TPS53321
UDG-10207
1
8
EN
PS
4
3
VBST
PGD
10
FB
L1
1 mH
9
COMP
15
PGND
16
PGND
13
VIN
14
VIN
6
7
5
SW SW SW
EN_Master
C8
1 mF
R6
2.2 W
C6
0.1 mF
V
IN
3.3 V
C2 2.2 nF
R4
4.02 kW
C3
100 pF
C1
2.2 nF
R3
20 W
PGD_Master
C4
0.1 mF
V
IN
Output all MLCCs
C5
22 mF
C
OUT
3 x 22 mF
R1
4.02 kW
R2
4.02 kW
R7
20 kW
V
OUT = 1.2 V
12
11
2
VDD
AGND
SYNC
TPS53321
1
8
EN
PS
4
3
VBST
PGD
10
FB
L11
1 mH
9
COMP
15
PGND
16
PGND
13
VIN
14
VIN
6
7
5
SW SW SW
EN_Slave
C18
1 mF
R16
2.2 W
C16
0.1 mF
C12 2.2 nF
R14
4.02 kW
C13
100 pF
C11
2.2 nF
R13
20 W
PGD_Master
C14
0.1 mF
V
IN
Output all MLCCs
C15
22 mF
C
OUT
3 x 22 mF
R11
4.02 kW
R12
2.67 kW
R17
20 kW
V
OUT = 1.5 V
V
IN
TPS53321
www.ti.com
SLUSAF3 – DECEMBER 2010
Figure 17 shows the master/slave configuration schematic for a design with a 3.3-V input.
Figure 17. Master/Slave Configuration Schematic
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s) :TPS53321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com