Electronic Components Datasheet Search
  English  ▼

X  

TPS53321 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53321
Description  5-A Step-Down Regulator with Integrated Switcher
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53321 Datasheet(HTML) 2 Page - Texas Instruments

  TPS53321 Datasheet HTML 1Page - Texas Instruments TPS53321 Datasheet HTML 2Page - Texas Instruments TPS53321 Datasheet HTML 3Page - Texas Instruments TPS53321 Datasheet HTML 4Page - Texas Instruments TPS53321 Datasheet HTML 5Page - Texas Instruments TPS53321 Datasheet HTML 6Page - Texas Instruments TPS53321 Datasheet HTML 7Page - Texas Instruments TPS53321 Datasheet HTML 8Page - Texas Instruments TPS53321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS53321
SLUSAF3 – DECEMBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
ORDERABLE DEVICE
MINIMUM
TA
PACKAGE
PINS
OUTPUT SUPPLY
ECO PLAN
NUMBER
QUANTITY
TPS53321RGTR
16
Tape and reel
3000
–40°C to
Plastic QFN
Green (RoHS and no Pb/Br)
85°C
(RGT)
TPS53321RGTT
16
Mini reel
250
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN, EN
–0.3
7
VBST
–0.3
17
Input voltage range
V
VBST(with respect to SW)
–0.3
7
FB, PS, VDD
–0.3
3.7
DC
–0.3
7
SW
Pulse < 20ns, E= 5mJ
–3
10
Output voltage range
PGD
–0.3
7
V
COMP, SYNC
–0.3
3.7
PGND
–0.3
0.3
Human Body Model (HBM)
2000
Electrostatic Discharge
V
Charged Device Model (CDM)
500
Ambient temperature
TA
–40
85
˚C
Storage temperature
Tstg
–55
150
˚C
Junction temperature
TJ
–40
150
˚C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
˚C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
VALUE
UNIT
MIN
NOM
MAX
VIN
2.9
6
VDD
2.9
3.3
3.5
VBST
–0.1
13.5
Input voltage range
V
VBST(with respect to SW)
–0.1
6
EN
–0.1
6
FB, PS
–0.1
3.5
SW
–1
6.5
PGD
–0.1
6
Output voltage range
V
COMP, SYNC
–0.1
3.5
PGND
–0.1
0.1
Junction temperature range, TJ
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS53321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com