Electronic Components Datasheet Search
  English  ▼

X  

TPS53321 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53321
Description  5-A Step-Down Regulator with Integrated Switcher
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53321 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS53321 Datasheet HTML 6Page - Texas Instruments TPS53321 Datasheet HTML 7Page - Texas Instruments TPS53321 Datasheet HTML 8Page - Texas Instruments TPS53321 Datasheet HTML 9Page - Texas Instruments TPS53321 Datasheet HTML 10Page - Texas Instruments TPS53321 Datasheet HTML 11Page - Texas Instruments TPS53321 Datasheet HTML 12Page - Texas Instruments TPS53321 Datasheet HTML 13Page - Texas Instruments TPS53321 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
HEF Mode
V
IN = 3.3 V
I
OUT = 0 A
EN (5 V/div)
V
OUT (1 V/div)
PGD (5 V/div)
t – Time – 4 ms/div
20
30
40
50
60
70
80
90
0.0 0.5
1.0
1.5
2.0
2.5
3.0
Output Current (A)
3.5
4.0
4.5
5.0
V
IN = 5 V @
V
OUT = 0.6 V
V
OUT = 1.2 V
V
OUT = 1.8 V
V
OUT = 2.5 V
V
OUT = 3.3 V
V
IN = 3.3 V @
V
OUT = 0.6 V
V
OUT = 1.2 V
V
OUT = 1.8 V
V
OUT = 2.5 V
No Air Flow
TPS53321
SLUSAF3 – DECEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Inductor PCMC065T-1R0 (1 µH, 5.6 m
Ω) is used.
Figure 11. Soft-Stop Waveform
Figure 12. Safe Operating Area
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS53321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com