Electronic Components Datasheet Search
  English  ▼

X  

TPS53321 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53321
Description  5-A Step-Down Regulator with Integrated Switcher
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53321 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS53321 Datasheet HTML 11Page - Texas Instruments TPS53321 Datasheet HTML 12Page - Texas Instruments TPS53321 Datasheet HTML 13Page - Texas Instruments TPS53321 Datasheet HTML 14Page - Texas Instruments TPS53321 Datasheet HTML 15Page - Texas Instruments TPS53321 Datasheet HTML 16Page - Texas Instruments TPS53321 Datasheet HTML 17Page - Texas Instruments TPS53321 Datasheet HTML 18Page - Texas Instruments TPS53321 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
I
L
V
OUT
a x IL(ripple)
T1
V
RIPPLE
a x T
I
OUT
UDG-10055
(
)
(
)
=
´
´
-
OUT
IN ripple
I
I
D
1 D
=
OUT
IN
V
D
V
(
)
´
=
´
OUT
IN ripple
SW
IN
I
D
V
f
C
+
´
´
=
´
æ
ö
+
´
+
´
+
+
´
´
ç
÷
+
è
ø
OUT
CO
2
OUT
OUT
LOAD
1 s C
ESR
G
4
L
1 s
C
(ESR
DCR)
s
L C
DCR
R
=
´ p ´
´
fDP
OUT
1
2
L C
TPS53321
www.ti.com
SLUSAF3 – DECEMBER 2010
Figure 14. DCM VOUT Ripple Calculation
4. CHOOSE THE INPUT CAPACITOR
The selection of input capacitor should be determined by the ripple current requirement. The ripple current
generated by the converter needs to be absorbed by the input capacitors as well as the input source. The RMS
ripple current from the converter can be expressed in Equation 9.
where
•
D is the duty cycle and can be expressed as shown in Equation 10
(9)
(10)
To minimize the ripple current drawn from the input source, sufficient input decoupling capacitors should be
placed close to the device. The ceramic capacitor is recommended because it provides low ESR and low ESL.
The input voltage ripple can be calculated as shown in Equation 11 when the total input capacitance is
determined.
(11)
5. COMPENSATION DESIGN
The TPS53321 uses voltage mode control. To effectively compensate the power stage and ensure fast transient
response, Type III compensation is typically used.
The control to output transfer function can be described in Equation 12.
(12)
The output L-C filter introduces a double pole which can be calculated as shown in Equation 13.
(13)
The ESR zero can be calculated as shown in Equation 14.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s) :TPS53321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com