Electronic Components Datasheet Search
  English  ▼

X  

TPS53321 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53321
Description  5-A Step-Down Regulator with Integrated Switcher
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53321 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS53321 Datasheet HTML 12Page - Texas Instruments TPS53321 Datasheet HTML 13Page - Texas Instruments TPS53321 Datasheet HTML 14Page - Texas Instruments TPS53321 Datasheet HTML 15Page - Texas Instruments TPS53321 Datasheet HTML 16Page - Texas Instruments TPS53321 Datasheet HTML 17Page - Texas Instruments TPS53321 Datasheet HTML 18Page - Texas Instruments TPS53321 Datasheet HTML 19Page - Texas Instruments TPS53321 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
=
´ p ´
´
fESR
OUT
1
2
ESR C
R3
R1
C1
R2
R4
C2
C3
+
COMP
VREF
UGD-10058
UDG-10057
Frequency
f
Z1
f
Z2
f
P2
f
P3
(
)(
)
(
) (
)
+
´
´
+
+
´
´
=
æ
ö
´
´
´
+
´
+
´
´
´
+
´
ç
÷
+
è
ø
1
1
3
4
2
EA
2
3
1
2
3
1
3
4
2
3
1 s C
(R
R ) 1 s R
C
G
C
C
s R
(C
C )
1 s C
R
1 s R
C
C
=
´ p ´
´
fZ1
4
2
1
2
R
C
=
@
´ p ´
+
´
´ p ´
´
fZ2
1
3
1
1
1
1
1
2
(R
R ) C
2
R
C
=
fP1 0
=
´ p ´
´
fP2
3
1
1
2
R
C
=
@
´ p ´
´
æ
ö
´
´ p ´
´ ç
÷
+
è
ø
fP3
4
3
2
3
4
2
3
1
1
2
R
C
C
C
2
R
C
C
TPS53321
SLUSAF3 – DECEMBER 2010
www.ti.com
(14)
Figure 15 and Figure 16 show the configuration of Type III compensation and typical pole and zero locations.
Equation 16 through Equation 20 describe the compensator transfer function and poles and zeros of the Type III
network.
Figure 15. Type III Compensation Network
Figure 16. Type III Compensation Gain Plot and
Configuration Schematic
Zero/Pole Placement
(15)
(16)
(17)
(18)
(19)
(20)
The two zeros can be placed near the double pole frequency to cancel the response from the double pole. One
pole can be used to cancel ESR zero, and the other non-zero pole can be placed at half switching frequency to
attenuate the high frequency noise and switching ripple. Suitable values can be selected to achieve a
compromise between high phase margin and fast response. A phase margin higher than 45 degrees is required
for stable operation.
For DCM operation, a C3 between 56 pF and 150 pF is recommended for output capacitance between 20 µF to
200 µF.
16
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS53321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com