Electronic Components Datasheet Search
  English  ▼

X  

TPS53321 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53321
Description  5-A Step-Down Regulator with Integrated Switcher
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53321 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS53321 Datasheet HTML 10Page - Texas Instruments TPS53321 Datasheet HTML 11Page - Texas Instruments TPS53321 Datasheet HTML 12Page - Texas Instruments TPS53321 Datasheet HTML 13Page - Texas Instruments TPS53321 Datasheet HTML 14Page - Texas Instruments TPS53321 Datasheet HTML 15Page - Texas Instruments TPS53321 Datasheet HTML 16Page - Texas Instruments TPS53321 Datasheet HTML 17Page - Texas Instruments TPS53321 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
OUT
0.6
R2
R1
V
0.6
=
´
-
(
)
(
)
-
´
=
´
´
f
IN
OUT
OUT
L ripple
SW
IN
V
V
V
1
I
L
V
( )
(
)
(
)
=
+
+
RIPPLE
RIPPLE C
RIPPLE ESR
RIPPLE ESL
V
V
V
V
( )
(
)
=
´
´
L ripple
RIPPLE C
OUT
SW
I
V
8 C
f
(
)
(
)
=
´
RIPPLE ESR
L ripple
V
I
ESR
(
)
´
=
IN
RIPPLE ESL
V
ESL
V
L
(
)
(
)
(
)
(
)
a ´
-
=
´
´
´
2
OUT
L ripple
RIPPLE DCM
OUT
SW
L ripple
I
I
V
2 C
f
I
(
)
(
)
a =
ON DCM
ON CCM
t
t
TPS53321
SLUSAF3 – DECEMBER 2010
www.ti.com
External Components Selection
1. DETERMINE THE VALUE OF R1 AND R2
The output voltage is programmed by the voltage-divider resistor, R1 and R2 shown in Figure 13. R1 is
connected between the FB pin and the output, and R2 is connected between the FB pin and GND. The
recommended value for R1 is from 1 k
Ω to 5 kΩ. Determine R2 using equation in Equation 1.
(1)
2. CHOOSE THE INDUCTOR
The inductance value should be determined to give the ripple current of approximately 20% to 40% of maximum
output current. The inductor ripple current is determined by Equation 2:
(2)
The inductor also needs to have low DCR to achieve good efficiency, as well as enough room above peak
inductor current before saturation.
3. CHOOSE THE OUTPUT CAPACITOR(S)
The output capacitor selection is determined by output ripple and transient requirement. When operating in CC
mode, the output ripple has three components:
(3)
(4)
(5)
(6)
When ceramic output capacitors are used, the ESL component is usually negligible. In the case when multiple
output capacitors are used, ESR and ESL should be the equivalent of ESR and ESL of all the output capacitor in
parallel.
When operating in DCM, the output ripple is dominated by the component determined by capacitance. It also
varies with load current and can be expressed as shown in Equation 7.
where
•
a is the DCM on-time coefficient and can be expressed in Equation 8 (typical value 1.25)
(7)
(8)
14
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS53321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com