Electronic Components Datasheet Search
  English  ▼

X  

LC72136 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC72136
Description  PLL Frequency Synthesizer for Electronic Tuning
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72136 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC72136 Datasheet HTML 4Page - Sanyo Semicon Device LC72136 Datasheet HTML 5Page - Sanyo Semicon Device LC72136 Datasheet HTML 6Page - Sanyo Semicon Device LC72136 Datasheet HTML 7Page - Sanyo Semicon Device LC72136 Datasheet HTML 8Page - Sanyo Semicon Device LC72136 Datasheet HTML 9Page - Sanyo Semicon Device LC72136 Datasheet HTML 10Page - Sanyo Semicon Device LC72136 Datasheet HTML 11Page - Sanyo Semicon Device LC72136 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Serial Data I/O Procedures
The LC72136 inputs and outputs data using the Sanyo CCB (computer control bus) audio LSI serial bus format. This
LSI adopts an 8-bit address format CCB.
No. 5038-8/23
LC72136, 72136M
I/O mode
Address
Function
B0
B1
B2
B3
A0
A1
A2
A3
1
2
3
IN1 (82)
IN2 (92)
OUT (A2)
0
0
0
1
0
1
0
0
1
0
0
1
0
1
0
0
0
1
0
1
0
1
0
0
• Control data input mode (serial data input)
• 24 data bits are input.
• See the “DI Control Data (serial data input) Structure”
item for details on the meaning of the input data.
• Control data input mode (serial data input)
• 24 data bits are input.
• See the “DI Control Data (serial data input) Structure”
item for details on the meaning of the input data.
• Data output mode (serial data output)
• The number of bits output is equal to the number of clock
cycles.
• See the “DO Output Data (Serial Data Output) Structure”
item for details on the meaning of the output data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com