Electronic Components Datasheet Search
  English  ▼

X  

LC72136 Datasheet(PDF) 17 Page - Sanyo Semicon Device

Part # LC72136
Description  PLL Frequency Synthesizer for Electronic Tuning
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72136 Datasheet(HTML) 17 Page - Sanyo Semicon Device

Back Button LC72136 Datasheet HTML 13Page - Sanyo Semicon Device LC72136 Datasheet HTML 14Page - Sanyo Semicon Device LC72136 Datasheet HTML 15Page - Sanyo Semicon Device LC72136 Datasheet HTML 16Page - Sanyo Semicon Device LC72136 Datasheet HTML 17Page - Sanyo Semicon Device LC72136 Datasheet HTML 18Page - Sanyo Semicon Device LC72136 Datasheet HTML 19Page - Sanyo Semicon Device LC72136 Datasheet HTML 20Page - Sanyo Semicon Device LC72136 Datasheet HTML 21Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
IF Counter Operation
Before starting the IF count, the IF counter must be reset in advance by setting CTE in the serial data to 0.
The IF count is started by changing the CTE bit in the serial data from 0 to 1. The serial data is latched by the LC72136
when the CE pin is dropped from high to low. The IF signal must be supplied to the IFIN pin in the period between the
point the CE pin goes low and the end of the wait time at the latest. Next, the value of the IF count at the end of the
measurement period must be read out during the period CTE is 1. This is because the IF counter is reset when CTE is set
to 0.
Note: When operating the IF counter, the control microprocessor must first check the state of the IF-IC SD (station
detect) signal and only after determining that the SD signal is present turn on IF buffer output and execute an IF
count operation. Auto-search techniques that use only the IF counter are not recommended, since it is possible for
IF buffer leakage output to cause incorrect stops at points where there is no station.
IFIN Minimum Sensitivity Ratings
f (MHz)
Note: Values in parentheses are actual performance values presented as reference data.
Unlock Detection Timing
1. Unlock Detection Determination Timing
Unlock detection is performed in the reference frequency (fref) period (interval). Therefore, in principle, unlock
determination requires a time longer than the period of the reference frequency. However, immediately after
changing the divisor N (frequency) unlock detection must be performed after waiting at least two periods of the
reference frequency.
No. 5038-17/23
LC72136, 72136M
IFS
0.4
≤ f < 0.5
0.5
≤ f < 8
8
≤ f ≤ 12
1: Normal mode
40 mVrms
40 mVrms
40 mVrms
(0.1 to 3 mVrms)
(1 to 10 mVrms)
0: Degradation mode
70 mVrms
70 mVrms
70 mVrms
(10 to 15 mVrms)
(30 to 40 mVrms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com