Electronic Components Datasheet Search
  English  ▼

X  

LC72136 Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part # LC72136
Description  PLL Frequency Synthesizer for Electronic Tuning
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72136 Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button LC72136 Datasheet HTML 10Page - Sanyo Semicon Device LC72136 Datasheet HTML 11Page - Sanyo Semicon Device LC72136 Datasheet HTML 12Page - Sanyo Semicon Device LC72136 Datasheet HTML 13Page - Sanyo Semicon Device LC72136 Datasheet HTML 14Page - Sanyo Semicon Device LC72136 Datasheet HTML 15Page - Sanyo Semicon Device LC72136 Datasheet HTML 16Page - Sanyo Semicon Device LC72136 Datasheet HTML 17Page - Sanyo Semicon Device LC72136 Datasheet HTML 18Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Serial Data Timing
CL Stopped at the Low Level
CL Stopped at the High Level
No. 5038-14/23
LC72136, 72136M
Parameter
Symbol
Pins
Conditions
min
typ
max
Unit
Data setup time
tSU
DI, CL
0.75
µs
Data hold time
tHD
DI, CL
0.75
µs
Clock low-level time
tCL
CL
0.75
µs
Clock high-level time
tCH
CL
0.75
µs
CE wait time
tEL
CE, CL
0.75
µs
CE setup time
tES
CE, CL
0.75
µs
CE hold time
tEH
CE, CL
0.75
µs
Data latch change time
tLC
0.75
µs
Data output time
tDC
DO, CL
These times depend on the pull-up resistance
0.35
µs
tDH
DO, CE
and the printed circuit board capacitances.
0.35
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com