Electronic Components Datasheet Search
  English  ▼

X  

LC72136 Datasheet(PDF) 19 Page - Sanyo Semicon Device

Part # LC72136
Description  PLL Frequency Synthesizer for Electronic Tuning
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72136 Datasheet(HTML) 19 Page - Sanyo Semicon Device

Back Button LC72136 Datasheet HTML 15Page - Sanyo Semicon Device LC72136 Datasheet HTML 16Page - Sanyo Semicon Device LC72136 Datasheet HTML 17Page - Sanyo Semicon Device LC72136 Datasheet HTML 18Page - Sanyo Semicon Device LC72136 Datasheet HTML 19Page - Sanyo Semicon Device LC72136 Datasheet HTML 20Page - Sanyo Semicon Device LC72136 Datasheet HTML 21Page - Sanyo Semicon Device LC72136 Datasheet HTML 22Page - Sanyo Semicon Device LC72136 Datasheet HTML 23Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
2. Unlock Detection Software
Figure 3
3. When Outputting Unlock Data Using Serial Data Output:
Once the LC72136 detects an unlocked state, it does not reset the unlock data (UL) until the next data output (or data
input) operation is performed. At the data output Œ point in Figure 3, although the VCO frequency is stable (locked),
the unlock data remains set to the unlocked state since no data output has been performed since the value of N was
changed. Thus, even though the frequency became stable (locked), from the point of view of the data, the circuit is in
the unlocked state. Therefore, the data output Œ immediately following a change to the value of N should be seen as
a dummy data, and the data from the second data output (data output ) and later outputs should be seen as valid
data.
Lock Determination Flowchart
No. 5038-19/23
LC72136, 72136M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com