Electronic Components Datasheet Search
  English  ▼

X  

LC72136 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC72136
Description  PLL Frequency Synthesizer for Electronic Tuning
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72136 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC72136 Datasheet HTML 1Page - Sanyo Semicon Device LC72136 Datasheet HTML 2Page - Sanyo Semicon Device LC72136 Datasheet HTML 3Page - Sanyo Semicon Device LC72136 Datasheet HTML 4Page - Sanyo Semicon Device LC72136 Datasheet HTML 5Page - Sanyo Semicon Device LC72136 Datasheet HTML 6Page - Sanyo Semicon Device LC72136 Datasheet HTML 7Page - Sanyo Semicon Device LC72136 Datasheet HTML 8Page - Sanyo Semicon Device LC72136 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Allowable Operating Ranges at Ta = –20 to +70°C, VSS = 0 V
Note: * Crystal oscillator recommended CI value
CI
≤ 35 kΩ (for a 75 kHz crystal)
The circuit constants for the crystal oscillator circuit depend on the crystal used, the printed circuit board pattern, and other items. Therefore we
recommend consulting with the manufacturer of the crystal for evaluation and reliability.
The extremely high input impedance of the XIN pins means that applications must take the possibility of leakage into account.
Sample Oscillator Circuits
1. Seiko-Epson C-2-75kHz (CL = 11 pF)
2. Kyocera Corporation KF-38R5-09P0300 (CL = 9 pF)
No. 5038-4/23
LC72136, 72136M
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
4.5
5.5
V
Input high-level voltage
VIH1
CE, CL, DI
0.7 VDD
6.5
V
VIH2
IO1, IO2
0.7 VDD
13
V
Input low-level voltage
VIL
CE, CL, DI, IO1, IO2
0
0.3 VDD
V
Output voltage
VO1
DO
0
6.5
V
VO2
BO1 to BO5, BOF, IO1, IO2, AOUT
0
13
V
fIN1
XIN: VIN1
75
kHz
fIN2
FMIN: VIN2
10
160
MHz
Input frequency
fIN3
AMIN: VIN3, SNS = 1
2
40
MHz
fIN4
AMIN: VIN4, SNS = 0
0.5
10
MHz
fIN5
IFIN: VIN5
0.4
12
MHz
VIN1
XIN: fIN1
400
1500
mVrms
VIN2-1
FMIN: f = 10 to 130 MHz
40
1500
mVrms
VIN2-2
FMIN: f = 130 to 160 MHz
70
1500
mVrms
Input amplitude
VIN3
AMIN: fIN3, SNS = 1
40
1500
mVrms
VIN4
AMIN: fIN4, SNS = 0
40
1500
mVrms
VIN5-1
IFIN: fIN5, IFS = 1
40
1500
mVrms
VIN5-2
IFIN: fIN6, IFS = 0
70
1500
mVrms
Guaranteed crystal
Xtal
XIN, XOUT*
75
kHz
oscillator frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com