Electronic Components Datasheet Search
  English  ▼

X  

LC72136 Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC72136
Description  PLL Frequency Synthesizer for Electronic Tuning
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72136 Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC72136 Datasheet HTML 15Page - Sanyo Semicon Device LC72136 Datasheet HTML 16Page - Sanyo Semicon Device LC72136 Datasheet HTML 17Page - Sanyo Semicon Device LC72136 Datasheet HTML 18Page - Sanyo Semicon Device LC72136 Datasheet HTML 19Page - Sanyo Semicon Device LC72136 Datasheet HTML 20Page - Sanyo Semicon Device LC72136 Datasheet HTML 21Page - Sanyo Semicon Device LC72136 Datasheet HTML 22Page - Sanyo Semicon Device LC72136 Datasheet HTML 23Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Schemes in which a dead zone is present (OFF/OFF) have good loop stability, but have the problem that acquiring a
high C/N ratio can be difficult. On the other hand, although it is easy to acquire a high C/N ratio with schemes in
which there is no dead zone, it is difficult to achieve high loop stability. Therefore, it can be effective to select DZA
or DZB, which have no dead zone, in applications which require an FM S/R ratio in excess of 90 to 100 dB, or in
which an increased AM stereo pilot margin is desired. On the other hand, we recommend selecting DZC or DZD,
which provide a dead zone, for applications which do not require such a high FM signal-to-noise ratio and in which
either AM stereo is not used or an adequate AM stereo pilot margin can be achieved.
Dead Zone
The phase comparator compares fp to a reference frequency (fr) as shown in Figure 4. Although the characteristics of
this circuit (see Figure 5) are such that the output voltage is proportional to the phase difference ø (line A), a region
(the dead zone) in which it is not possible to compare small phase differences occurs in actual ICs due to internal
circuit delays and other factors (line B). A dead zone as small as possible is desirable for products that must provide
a high S/N ratio.
However, since a larger dead zone makes this circuit easier to use, a larger dead zone is appropriate for popularly-
priced products. This is because it is possible for RF signals to leak from the mixer to the VCO and modulate the
VCO in popularly-priced products in the presence of strong RF inputs. When the dead zone is narrow, the circuit
outputs correction pulses and this output can further modulate the VCO and generate beat frequencies with the RF
signal.
Figure 4
Figure 5
2. Notes on the FMIN, AMIN, and IFIN Pins
Coupling capacitors must be placed as close as possible to their respective pin. A capacitance of about 100 pF is
desirable. In particular, if a capacitance of 1000 pF or over is used for the IF pin, the time to reach the bias level will
increase and incorrect counting may occur due to the relationship with the wait time.
3. Notes on IF Counting
→ SD must be used in conjunction with the IF counting time
When using IF counting, always implement IF counting by having the microprocessor determine the presence of the
IF-IC SD (station detect) signal and turn on the IF counter buffer only if the SD signal is present. Schemes in which
auto-searches are performed with only IF counting are not recommended, since they can stop at points where there is
no signal due to leakage output from the IF counter buffer.
No. 5038-21/23
LC72136, 72136M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com