Electronic Components Datasheet Search
  English  ▼

X  

LC72136 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC72136
Description  PLL Frequency Synthesizer for Electronic Tuning
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72136 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC72136 Datasheet HTML 3Page - Sanyo Semicon Device LC72136 Datasheet HTML 4Page - Sanyo Semicon Device LC72136 Datasheet HTML 5Page - Sanyo Semicon Device LC72136 Datasheet HTML 6Page - Sanyo Semicon Device LC72136 Datasheet HTML 7Page - Sanyo Semicon Device LC72136 Datasheet HTML 8Page - Sanyo Semicon Device LC72136 Datasheet HTML 9Page - Sanyo Semicon Device LC72136 Datasheet HTML 10Page - Sanyo Semicon Device LC72136 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Continued from preceding page.
No. 5038-7/23
LC72136, 72136M
Pin No.
Symbol
(MFP pin numbers
Type
Functions
Circuit configuration
are in parentheses.)
7 (8)
8 (9)
9 (10)
10 (11)
14 (15)
2 (3)
11 (12)
13 (14)
18 (19)
19 (20)
20 (21)
12 (13)
BO1
BO2
BO3
BO4
BO5
BOF
IO1
IO2
PD
AIN
AOUT
IFIN
Output ports
Input or output
ports
Charge pump
output
LPF amplifier
transistor
connections
IF counter
• Dedicated outputs
• The output states are determined by the BO1 to BO5
bits in the serial data.
Data: 0 = open, 1= low
• A time base signal (8 Hz) can be output from the BO1
pin. (When the serial data TBC bit is set to 1.)
• Care is required when using the BO1 pin, since it has a
higher on impedance that the other output ports (pins
BO2 to BO5).
• The output state of the BOF pin is determined by the
serial data DVS bit. Thus this pin can be used as an FM
band selection switch. (Note that it should not be used
as an AM band selection switch since it is susceptible to
noise from the crystal oscillator.)
DVS data: 0 = open, 1 = low
• All output ports are set to the open state following a
power on reset.
• I/O dual-use pins
• The direction (input or output) is determined by bits IOC1
and IOC2 in the serial data.
Data: 0 = input port, 1 = output port
• When specified for use as input ports:
The state of the input pin is transmitted to the controller
over the DO pin.
Input state: low = 0 data value
high = 1 data value
• When specified for use as output ports:
The output states are determined by the IO1 and IO2
bits in the serial data.
Data: 0 = open, 1 = low
• These pins function as input pins following a power on
reset.
• PLL charge pump output
When the frequency generated by dividing the local
oscillator signal frequency by N is higher than the
reference frequency, a high level is output from the PD
pin. Similarly, when that frequency is lower, a low level is
output. The PD pin goes to the high-impedance state
when the frequencies match.
• The n-channel MOS transistor used for the PLL active
low-pass filter.
• Accepts an input in the frequency range 0.4 to 12 MHz.
• The input signal is directly transmitted to the IF counter.
• The result is output starting the MSB of the IF counter
using the DO pin.
• Four measurement periods are supported: 4, 8, 32, and
64 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com