Electronic Components Datasheet Search
  English  ▼

X  

LC72136 Datasheet(PDF) 18 Page - Sanyo Semicon Device

Part # LC72136
Description  PLL Frequency Synthesizer for Electronic Tuning
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72136 Datasheet(HTML) 18 Page - Sanyo Semicon Device

Back Button LC72136 Datasheet HTML 14Page - Sanyo Semicon Device LC72136 Datasheet HTML 15Page - Sanyo Semicon Device LC72136 Datasheet HTML 16Page - Sanyo Semicon Device LC72136 Datasheet HTML 17Page - Sanyo Semicon Device LC72136 Datasheet HTML 18Page - Sanyo Semicon Device LC72136 Datasheet HTML 19Page - Sanyo Semicon Device LC72136 Datasheet HTML 20Page - Sanyo Semicon Device LC72136 Datasheet HTML 21Page - Sanyo Semicon Device LC72136 Datasheet HTML 22Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Figure 1 Unlock Detection Timing
For example, if fref is 1 kHz (and thus the period is 1 ms), after changing the divisor N, the system must wait at least
2 ms before checking for the unlocked state.
Figure 2 Circuit Structure
No. 5038-18/23
LC72136, 72136M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com