Electronic Components Datasheet Search
  English  ▼

X  

LC72136 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC72136
Description  PLL Frequency Synthesizer for Electronic Tuning
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72136 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC72136 Datasheet HTML 2Page - Sanyo Semicon Device LC72136 Datasheet HTML 3Page - Sanyo Semicon Device LC72136 Datasheet HTML 4Page - Sanyo Semicon Device LC72136 Datasheet HTML 5Page - Sanyo Semicon Device LC72136 Datasheet HTML 6Page - Sanyo Semicon Device LC72136 Datasheet HTML 7Page - Sanyo Semicon Device LC72136 Datasheet HTML 8Page - Sanyo Semicon Device LC72136 Datasheet HTML 9Page - Sanyo Semicon Device LC72136 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Pin Functions
No. 5038-6/23
LC72136, 72136M
Pin No.
Symbol
(MFP pin numbers
Type
Functions
Circuit configuration
are in parentheses.)
1 (1)
22 (24)
16 (17)
15 (16)
3 (4)
5 (6)
4 (5)
6 (7)
17 (18)
21 (22)
XIN
XOUT
FMIN
AMIN
CE
CL
DI
DO
VDD
VSS
Xtal
Local oscillator
signal input
Local oscillator
signal input
Chip enable
Clock
Input data
Output data
Power supply
Ground
• Crystal oscillator connections (75 kHz)
• The extremely high input impedance of the XIN pins
means that applications must take the possibility of
leakage into account.
• FMIN is selected when the serial data input DVS bit is
set to 1.
• The input frequency range is from 10 to 160 MHz.
• The input signal passes through the internal divide-by-
two prescaler and is input to the swallow counter.
• The divisor can be in the range 272 to 65535. However,
since the signal has passed through the divide-by-two
prescaler, the actual divisor is twice the set value.
• AMIN is selected when the serial data input DVS bit is
set to 0.
• When the serial data input SNS bit is set to 1:
— The input frequency range is 2 to 40 MHz.
— The signal is directly input to the swallow counter.
— The divisor can be in the range 272 to 65535, and
the divisor used will be the value set.
• When the serial data input SNS bit is set to 0:
— The input frequency range is 0.5 to 10 MHz.
— The signal is directly input to a 12-bit programmable
divider.
— The divisor can be in the range 4 to 4095, and the
divisor used will be the value set.
• Set this pin high when inputting (DI) or outputting (DO)
serial data.
• Used as the synchronization clock when inputting (DI) or
outputting (DO) serial data.
• Inputs serial data transferred from the controller to the
LC72136.
• Outputs serial data transferred from the LC72136 to the
controller. The data output is determined by the DOC0 to
DOC2 bits in the serial data.
• The LC72136 power supply pin. (VDD = 4.5 to 5.5 V)
• The power on reset circuit operates when power is first
applied.
• The LC72136 ground
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com