Electronic Components Datasheet Search
  English  ▼

X  

33874 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # 33874
Description  Quad High Side Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33874 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button 33874 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 38Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
35
33874
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Figure 11. Thermal Test Board
Device on Thermal Test Board
RθJA is the thermal resistance between die junction and
ambient air.
This device is a dual die package. Index m indicates the
die that is heated. Index n refers to the number of the die
where the junction temperature is sensed.
A =
300sqmm
76.2 mm
A =
300sqmm
A =
300sqmm
76.2 mm
A =
300sqmm
MC33874 Pin Connections
24-Pin PQFN (12 x 12)
0.9 mm Pitch
12.0 mm x 12.0 mm Body
Transparent Top View
13
24
12
10 9
8
7
6
5
4
3
2
1
11
23
22
19
20
21
16
17
18
15
14
SO
GND
HS3
HS1
NC
HS0
HS2
GND
FSI
GND
VPWR
Material:
Single layer printed circuit board
FR4, 1.6mm thickness
Cu traces, 0.07mm thickness
Outline:
80mm x 100mm board area,
including edge connector for thermal
testing
Area A:
Cu heat-spreading areas on board
surface
Ambient Conditions:
Natural convection, still air
Table 19. Thermal Resistance Performance
Thermal
Resistance
Area A
(mm2)
1 = Power Chip, 2 = Logic Chip (
°C/W)
m = 1,
n = 1
m = 1, n = 2
m = 2, n = 1
m = 2,
n = 2
RθJAmn
053
38
61
300
44
32
56
600
42
30
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com