Electronic Components Datasheet Search
  English  ▼

X  

33874 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33874
Description  Quad High Side Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33874 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33874 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33874
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
SPI PROTOCOL DESCRIPTION
The SPI interface has a full duplex, three-wire
synchronous data transfer with four I/O lines associated with
it: Serial Input (SI), Serial Output (SO), Serial Clock (SCLK),
and Chip Select (CS).
The SI/SO pins of the 33874 follow a first-in first-out (D15
to D0) protocol, with both input and output words transferring
the most significant bit (MSB) first. All inputs are compatible
with 5.0V CMOS logic levels.
Figure 9. Single 16-Bit Word SPI Communication
OPERATIONAL MODES
The 33874 has four operating modes: Sleep, Normal,
Fault, and Fail-safe. Table 5 summarizes details contained in
succeeding paragraphs.
SLEEP MODE
The Default mode of the 33874 is the Sleep Mode. This is
the state of the device after first applying battery voltage
(VPWR) prior to any I/O transitions. This is also the state of the
device when the WAKE and RST are both logic [0]. In the
Sleep Mode, the output and all unused internal circuitry, such
as the internal 5.0V regulator, are off to minimize current
draw. In addition, all SPI-configurable features of the device
are as if set to logic [0]. The 33874 will transition to the
Normal or Fail-safe operating modes based on the WAKE
and RST inputs as defined in Table 5.
NORMAL MODE
The 33874 is in Normal Mode when:
•VPWR and VDD are within the normal voltage range.
• RST pin is logic [1].
• No fault has occurred.
FAIL-SAFE MODE
FAIL-SAFE MODE AND WATCHDOG
If the FSI input is not grounded, the watchdog timeout
detection is active when either the WAKE or RST input pin
transitions from logic [0] to logic [1]. The WAKE input is
capable of being pulled up to VPWR with a series of limiting
CS
CSB
SI
SCLK
SO
D15
D1
D2
D3
D4
D5
D6
D7
D8
D9
D14
D13
D12
D11
D10
OD12
D0
OD13
OD14
OD15
OD6
OD7
OD8
OD9
OD10
OD11
OD1
OD2
OD3
OD4
OD5
1.
RSTB is in a logic H state during the above operation.
2.
DO, D1, D2, ... , and D15 relate to the most recent ordered entry of program data into the LUX IC
NOTES:
OD0
CS
device.
1. RST is a logic [1] state during the above operation.
2. D15
:D0 relate to the most recent ordered entry of data into the device.
3. OD15
:OD0 relate to the first 16 bits of ordered fault and status data out of the device.
Notes
Table 5. Fail-Safe Operation and Transitions to Other
33874 Modes
Mode
FS Wake RST WDTO
Comments
Sleep
x
0
0
x
Device is in Sleep mode. All
outputs are OFF
Normal
1
x
1
No
Normal mode. Watchdog is
active if enabled.
Fault
0
1
1
No
Device is currently in fault
mode. The faulted output(s)
is (are) OFF.
0
1
0
0
0
1
Fail-
Safe
1
0
1
Yes
Watchdog has timed out and
the device is in Fail-safe
Mode. The outputs are as
configured with the RFS
resistor connected to FSI.
RST
and WAKE must go
from logic [1] to logic [0]
simultaneously to bring the
device out of the Fail-safe
mode or momentarily tied the
FSI pin to ground.
1
1
1
1
1
0
x = Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com