Electronic Components Datasheet Search
  English  ▼

X  

33874 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33874
Description  Quad High Side Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33874 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33874 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33874
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
described in Table 9, page 22. The SI input has an active
internal pull-down, IDWN.
DIGITAL DRAIN VOLTAGE (VDD)
This pin is an external voltage input pin used to supply
power to the SPI circuit. In the event VDD is lost, an internal
supply provides power to a portion of the logic, ensuring
limited functionality of the device.
GROUND (GND)
This pin is the ground for the device.
POSITIVE POWER SUPPLY (VPWR)
This pin connects to the positive power supply and is the
source of operational power for the device. The VPWR contact
is the backside surface mount tab of the package.
SERIAL OUTPUT (SO)
The SO data pin is a tri-stateable output from the shift
register. The SO pin remains in a high-impedance state until
the CS pin is put into a logic [0] state. The SO data is capable
of reporting the status of the output, the device configuration,
and the state of the key inputs. The SO pin changes state on
the rising edge of SCLK and reads out on the falling edge of
SCLK. Fault and input status descriptions are provided in
Table 16, page 26.
HIGH SIDE OUTPUTS (HS3, HS1, HS0, HS2)
Protected 35m
Ω high side power output pins to the load.
FAIL-SAFE INPUT (FSI)
The value of the resistance connected between this pin
and ground determines the state of the outputs after a
watchdog timeout occurs. Depending on the resistance
value, either all outputs are OFF or the output HSO only is
ON. If the FSI pin is left to float up to a logic [1] level, then the
outputs HS0 and HS2 will turn ON when in the Fail-safe state.
When the FSI pin is connected to GND, the watchdog circuit
and Fail-safe operation are disabled. This pin incorporates an
active internal pull-up current source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com