Electronic Components Datasheet Search
  English  ▼

X  

33874 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 33874
Description  Quad High Side Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33874 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 33874 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 38Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
33874
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Figure 12. Steady State Thermal Resistance1W step response;
device on 1s thermal test board with heat spreading areas sq 600mm.
Figure 13. Transient Thermal Resistance
RθJA22
RθJA12= RθJA21
RθJA11
25
30
35
40
45
50
55
60
65
0
100
200
300
400
500
600
RJA11
RJA12=RJA21
RJA22
RθJA11
RθJA22
RθJA12= RθJA21
0.1
1
10
100
1.00E-06
1.00E-04
1.00E-02
1.00E+00
1.00E+02
1.00E+04
RJA11
RJA12=RJA21
RJA22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com