Electronic Components Datasheet Search
  English  ▼

X  

33874 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33874
Description  Quad High Side Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33874 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33874 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33874
PIN CONNECTIONS
14, 17, 23
GND
Ground
Ground
These pins are the ground for the logic and analog circuitry of the device.
15
VPWR
Power
Positive Power Supply This pin connects to the positive power supply and is the source of operational
power for the device.
16
SO
Output
Serial Output
This output pin is connected to the SPI Serial Data Input pin of the MCU or to
the SI pin of the next device of a daisy
-chain of devices.
18
19
21
22
HS3
HS1
HS0
HS2
Output
High Side Outputs
Protected 35m
Ω high side power output pins to the load.
20
NC
N/A
No Connect
This pin may not be connected.
24
FSI
Input
Fail-safe Input
The value of the resistance connected between this pin and ground
determines the state of the outputs after a watchdog timeout occurs.
Table 1. 33874 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 15.
Pin
Number
Pin Name
Pin
Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com