Electronic Components Datasheet Search
  English  ▼

X  

33874 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33874
Description  Quad High Side Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33874 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33874 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33874
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
ANALOG CONTROL CIRCUITRY
The 33874 is designed to operate from 6.0V to 27V on the
VPWR Pin. The VPWR Pin supplies power to all internal
regulators, analog and logic circuit blocks. The VDD supply is
used for setting communication threshold levels and
supplying power to the SPI interface logic. This IC
architecture provides a very low standby current. The analog
circuitry provides for over-current and over-temperature
protection as well as temperature warning features.
MCU INTERFACE AND OUTPUT CONTROL
The device is designed with 4 inputs for PWM Output
driver control, if desired. MCU programming, control and
diagnostics are accomplished using the 16-bit SPI interface.
Several parallel control and status lines are provided.
HIGH–SIDE DRIVERS: HS0 – HS3
The 33874 provides high side load drive capability for 4
outputs. The RDSON for the output MOSFETs is 35mΩ. The
outputs are protected for over-current and over-temperature.
The MOSFET gate drive can be slew rate controlled using the
SPI interface. There is also an open load detection feature. A
ratioed value of the MOSFET output current is available to
the MCU.
The device allows for control of the 4 outputs through the
SPI interface or by use of the parallel inputs, which allows for
PWM capability.
MC33874 - Functional Block Diagram
Analog Control Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com