| Electronic Components Datasheet Search |
|
LC78628 Datasheet(PDF) 13 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
LC78628 Datasheet(HTML) 13 Page - Sanyo Semicon Device |
|
13 / 40 page ![]() No. 6329-13/40 LC78628E MSB LSB Data Command ($81 to $87, $DB, $DC, $D8) MSB LSB RWC CQCK COIN A12807 • Two-byte commands (RWC set once) Code Command RES = low $FE Command input noise reduction mode $EE Reset command input noise reduction mode q q This command reduces noise on the CQCK signal. Although this command is effective for noise pulses of less than 500 ns, the CQCK timing parameters tWL, tWH, and tSU must all be set to 1µs or longer. • Command noise reduction Code Command RES = low $04 Disc motor start (accelerate) $05 Disc motor CLV (CLV) $06 Disc motor brake (decelerate) $07 Disc motor stop (stop) q q The CLV+ signal accelerates the disc in the forward direction, while the CLV– signal decelerates the disc. The corresponding mode, accelerate, decelerate, CLV, or stop, is selected by the command sent from the microcontroller. The table below lists the CLV+ and CLV– outputs in each of these modes. 6. CLV servo circuit — Pin 13: CLV+, pin 14: CLV–, pin 15: V/P PCCL input level Command transfer during track check, track jump, and internal motor braking operations L Incorrect operation occurs if a command is transferred (if a high level is applied to RWC). H Transfer of only the port related ($DBXX and $DCXX) and HDCD register setting ($D8XX) commands is allowed. Mode CLV+ CLV– Accelerate H L Decelerate L H CLV Pulse output Pulse output Stop L L • PCCL The PCCL control pin is provided to allow the use of certain commands for which command transfer is disabled during track check, track jump, and internal motor braking operations. A12808 14 13 CLV– CLV+ + – + – Disc motor M Note: The CLV servo control commands set the TOFF pin low during CLV mode, and high at all other times. The TOFF pin can only be controlled by commands during CLV mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |