Electronic Components Datasheet Search
  English  ▼

X  

LC78628 Datasheet(PDF) 16 Page - Sanyo Semicon Device

Part # LC78628
Description  Compact Disc Player DSP with Built-in HDCD Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78628 Datasheet(HTML) 16 Page - Sanyo Semicon Device

Back Button LC78628 Datasheet HTML 12Page - Sanyo Semicon Device LC78628 Datasheet HTML 13Page - Sanyo Semicon Device LC78628 Datasheet HTML 14Page - Sanyo Semicon Device LC78628 Datasheet HTML 15Page - Sanyo Semicon Device LC78628 Datasheet HTML 16Page - Sanyo Semicon Device LC78628 Datasheet HTML 17Page - Sanyo Semicon Device LC78628 Datasheet HTML 18Page - Sanyo Semicon Device LC78628 Datasheet HTML 19Page - Sanyo Semicon Device LC78628 Datasheet HTML 20Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
No. 6329-16/40
LC78628E
Code
Command
RES = low
$A0
Previous Track Jump Mode
q
q
$A1
New Track Jump Mode
$11
1 TRACK JUMP IN #1
$12
1 TRACK JUMP IN #2
$31
1 TRACK JUMP IN #3
$52
1 TRACK JUMP IN #4
$10
2 TRACK JUMP IN
$13
4 TRACK JUMP IN
$14
16 TRACK JUMP IN
$30
32 TRACK JUMP IN
$15
64 TRACK JUMP IN
$17
128 TRACK JUMP IN
$19
1 TRACK JUMP OUT #1
$1A
1 TRACK JUMP OUT #2
$39
1 TRACK JUMP OUT #3
$5A
1 TRACK JUMP OUT #4
$18
2 TRACK JUMP OUT
$1B
4 TRACK JUMP OUT
$1C
16 TRACK JUMP OUT
$38
32 TRACK JUMP OUT
$1D
64 TRACK JUMP OUT
$1F
128 TRACK JUMP OUT
$16
256 TRACK CHECK
$0F
TOFF
$8F
TON
q
q
$8C
TRACK JUMP BRAKE
$21
JP pulse period TOFF output mode
$20
Reset the JP pulse period TOFF output mode
q
q
• Track jump commands
c
b
a
JP–(+)
JP+(–)
(Braking period)
(JP pulse width)
TGL
A12812
When the LC78628E receives a track jump instruction as a servo command, it first generates accelerating pulses (period
a) and next generates deceleration pulses (period b). The passage of the braking period (period c) completes the specified
jump. During the braking period, the LC78628E detects the beam slip direction from the TES and HFL inputs. TOFF is
used to cut the components in the TES signal that aggravate slip. The jump destination track is captured by increasing the
servo gain with TGL. In JP pulse period TOFF output mode, TOFF goes high during the period that JP pulses are
generated.
Note: Of the modes related to disc motor control, the TOFF pin goes low only in CLV mode, and will be high during
start, stop, and brake operations. Note that the TOFF pin can be turned on and off independently by microprocessor
issued commands. However, this function is valid only when disc motor control is in CLV mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com