Electronic Components Datasheet Search
  English  ▼

X  

LC78628 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC78628
Description  Compact Disc Player DSP with Built-in HDCD Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78628 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC78628 Datasheet HTML 1Page - Sanyo Semicon Device LC78628 Datasheet HTML 2Page - Sanyo Semicon Device LC78628 Datasheet HTML 3Page - Sanyo Semicon Device LC78628 Datasheet HTML 4Page - Sanyo Semicon Device LC78628 Datasheet HTML 5Page - Sanyo Semicon Device LC78628 Datasheet HTML 6Page - Sanyo Semicon Device LC78628 Datasheet HTML 7Page - Sanyo Semicon Device LC78628 Datasheet HTML 8Page - Sanyo Semicon Device LC78628 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
No. 6329-4/40
LC78628E
Continued from preceding page.
Notes: The same voltage must be applied to all 5 V system power supply pins.
* When used in conjunction with an ASP that provides a command interface, the stricter ratings of the ASP shall be given priority.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input level
VIN1
EFMIN: Slice level control
1.0
Vp-p
VIN2
XIN: Capacitor coupled input
1.0
Vp-p
Data setup time
tSU
COIN, RWC, *: See figure 1.
400
ns
Data hold time
tHD
COIN, RWC, *: See figure 1.
400
ns
High-level clock pulse width
tWH
CQCK, *: See figures 1 and 2.
400
ns
Low-level clock pulse width
tWL
CQCK, *: See figures 1 and 2.
400
ns
Data read access time
tRAC
SQOUT: See figures 2.
0
400
ns
Command output time
tRWC
RWC, *: See figures 1.
1000
ns
Subcode Q readout enable time
tSQE
WRQ, normal speed: See figures 2, RWC = VIL1
11.2
ms
Port input setup time
tCSU
P0 to P4, RWC: See figures 3.
400
ns
Port input hold time
tCHD
P0 to P4, RWC: See figures 3.
400
ns
Port input clock setup time
tRCQ
CQCK, RWC, *: See figures 3.
100
ns
Port output data delay time
tCDD
P0 to P4, RWC: See figure 4.
1200
ns
Text readout period
tCW
DQSY, normal speed: See figure 5.
1.5
3.3
3.7
ms
DQSY pulse width
tW
DQSY, normal speed: See figure 5.
60
136
150
µs
SCLK high-level clock pulse width
tWTH
SCLK: See figure 5.
100
ns
SCLK low-level clock pulse width
tWTL
SCLK: See figure 5.
100
ns
SCLK clock delay time
tD1
SCLK: See figure 5.
100
ns
Text data delay time
tD2
SRDT: See figure 5.
50
ns
tD3
SRDT: See figure 5.
50
ns
Reset time
tRES
RES
400
ns
Operating frequency range
fOP
EFMIN
10
MHz
Crystal oscillator frequency
fX
XIN, XOUT
16.9344
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com