Electronic Components Datasheet Search
  English  ▼

X  

LC78628 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC78628
Description  Compact Disc Player DSP with Built-in HDCD Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78628 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC78628 Datasheet HTML 2Page - Sanyo Semicon Device LC78628 Datasheet HTML 3Page - Sanyo Semicon Device LC78628 Datasheet HTML 4Page - Sanyo Semicon Device LC78628 Datasheet HTML 5Page - Sanyo Semicon Device LC78628 Datasheet HTML 6Page - Sanyo Semicon Device LC78628 Datasheet HTML 7Page - Sanyo Semicon Device LC78628 Datasheet HTML 8Page - Sanyo Semicon Device LC78628 Datasheet HTML 9Page - Sanyo Semicon Device LC78628 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
No. 6329-6/40
LC78628E
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
LCHP, LCHN, RCHP RCHN;
Total harmonic distortion
THD + N
1 kHz: 0 dB data input
0.009
0.012
%
With the 20 kHz low-pass filter (internal AD725D) used.
LCHP, LCHN, RCHP, RCHN;
Dynamic range
DR
1 kHz: –60 dB data input
83
86
dB
With the 20 kHz low-pass and A filters (internal AD725D)
used.
LCHP, LCHN, RCHP, RCHN;
Signal-to-noise ratio
S/N
1 kHz: 0 dB data input
98
103
dB
With the 20 kHz low-pass and A filters (internal AD725D)
used.
LCHP, LCHN, RCHP, RCHN;
Crosstalk (separation)
CT
1 kHz: 0 dB data input
96
98
dB
With the 20 kHz low-pass filter (internal AD725D) used.
D/A Converter Block Analog Characteristics at Ta = 25°C, VDD = LVDD = RVDD = XVDD = VVDD = 5 V,
VDD3V = 3.3 V, VSS = LVSS = RVSS = XVSS = VVSS = 0 V.
Figure 1 Command Input
COIN
CQCK
RWC
tSU
tSU
tWL
tWH
tHD
tHD
tRWC
A12797
Figure 2 Subcode Q Output
tWH
tSQE
tWH
tWL
WRQ
CQCK
SQOUT
RWC
tRAC
A12798
Note: Measured in the normal speed playback of the Sanyo 1-bit D/A converter reference circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com