Electronic Components Datasheet Search
  English  ▼

X  

LC78628 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC78628
Description  Compact Disc Player DSP with Built-in HDCD Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78628 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC78628 Datasheet HTML 1Page - Sanyo Semicon Device LC78628 Datasheet HTML 2Page - Sanyo Semicon Device LC78628 Datasheet HTML 3Page - Sanyo Semicon Device LC78628 Datasheet HTML 4Page - Sanyo Semicon Device LC78628 Datasheet HTML 5Page - Sanyo Semicon Device LC78628 Datasheet HTML 6Page - Sanyo Semicon Device LC78628 Datasheet HTML 7Page - Sanyo Semicon Device LC78628 Datasheet HTML 8Page - Sanyo Semicon Device LC78628 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
No. 6329-5/40
LC78628E
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
IDD1VDD, VVDD, XVDD, LVDD, RVDD: 4.5 V to 5.5 V
17
24
mA
IDD2VDD3V: 3.0 V to 3.6 V
55
85
mA
IIH1
DEFI, EFMIN, SCLK, COIN, RES, HFL, TES, RWC,
–10
+10
µA
High-level input current
CQCK, TEST1, LRCKI, BCKI, DATAI, XIN: VIN = VDD1
IIH2
TAI, TEST2 to TEST5, CS, PCCL: VIN = VDD1
10
200
µA
DEFI, EFMIN, SCLK, COIN, RES, HFL, TES, RWC,
Low-level input current
IIL
CQCK, TAI, TEST1 to TEST5, CS, PCCL, LRCKI, BCKI,
–10
+10
µA
DATAI, XIN: VIN = 0 V
VOH1
EFMO: IOH = –1 mA
4
V
CLV+, CLV–, V/P, P0 to P4, PCK, FSEQ, TOFF, TGL,
JP+, JP–, 16M, EMPH, LRCKO, DACKO, DFOLO,
VOH2
DFORO, GAIN, MUTEL, MUTER, DOUT, EFLG, TEST6,
VDD1 – 2.1
V
High-level output voltage
FSX, WRQ, SQOUT, TST11, DQSY, 4.2M, SRDT, LRSY,
CK2, ROMXA, C2F: IOH = –4 mA
VOH3
HDCD: IOH = –12 mA
VDD1 – 2.1
V
VOH4
LCHP, LCHN, RCHP, RCHN: IOH = –1 mA
3.0
4.5
V
VOL1
EFMO: IOL = 1 mA
1V
CLV+, CLV–, V/P, P0 to P4, PCK, FSEQ, TOFF, TGL,
JP+, JP–, 16M, EMPH, LRCKO, DACKO, DFOLO,
Low-level output voltage
VOL2
DFORO, GAIN, MUTEL, MUTER, DOUT, EFLG, TEST6,
0.4
V
FSX, WRQ, SQOUT, TST11, DQSY, 4.2M, SRDT, LRSY,
CK2, ROMXA, C2F: IOL = 4 mA
VOL3
HDCD: IOL = 12 mA
0.4
V
VOL4
LCHP, LCHN, RCHP, RCHN: IOH = 1 mA
0.5
2.0
V
Output off leakage current
IOFF1
PDO, CLV+, CLV–, JP+, JP–, P0 to P4, EMPH, SQOUT,
–10
+10
µA
EFMO: In the high-impedance output state
Charge pump output current
IPDOH
PDO: RISET = 68 kΩ
64
80
96
µA
IPDOL
PDO: RISET = 68 kΩ
–96
–80
–64
µA
Electrical Characteristics at Ta = 25°C, VDD1 = 5 V, VDD2 = 3.3 V, VSS = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com