Electronic Components Datasheet Search
  English  ▼

X  

LC78628 Datasheet(PDF) 35 Page - Sanyo Semicon Device

Part # LC78628
Description  Compact Disc Player DSP with Built-in HDCD Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78628 Datasheet(HTML) 35 Page - Sanyo Semicon Device

Back Button LC78628 Datasheet HTML 31Page - Sanyo Semicon Device LC78628 Datasheet HTML 32Page - Sanyo Semicon Device LC78628 Datasheet HTML 33Page - Sanyo Semicon Device LC78628 Datasheet HTML 34Page - Sanyo Semicon Device LC78628 Datasheet HTML 35Page - Sanyo Semicon Device LC78628 Datasheet HTML 36Page - Sanyo Semicon Device LC78628 Datasheet HTML 37Page - Sanyo Semicon Device LC78628 Datasheet HTML 38Page - Sanyo Semicon Device LC78628 Datasheet HTML 39Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
No. 6329-35/40
LC78628E
Continued from preceding page.
Blank entry: Illegal command, *: Latching commands (mode setting commands),
@: Commands shared with an ASP (LA9240M/41M or similar device),
Items in parentheses are ASP commands (provided for reference purposes)
$80
$90
(*F.OFF.ADJ.ST)
$A0
*Old track jump technique
$B0
*CLV-PH1 division mode
$81
*ATTNUATOR DATA SET
$91
(*F.OFF.ADJ.OFF)
$A1
*New track jump technique
$B1
*CLV-PH2 division mode
$82
*ATTENUATOR 4 FS UP
$92
(*T.OFF.ADJ.ST)
$A2
FOCUS START #2
$B2
*CLV-PH4 division mode
$83
*ATTENUATOR 4 FS DN
$93
(*T.OFF.ADJ.OFF)
$A3
*Internal brake cont.
$B3
*CLV-PH8 division mode
$84
*ATTENUATOR 8 FS UP
$94
(*LASER.ON)
$A4
$B4
*CLV 3-value output on
$85
*ATTENUATOR 8 FS DN
$95
(*LSR.OF/F.SV.ON)
$A5
$B5
*CLV 3-value output off
$86
*ATTENUATOR 16 FS UP
$96
(*LSR.OF/F.SV.OFF)
$A6
$B6
*JP 3-value output on
$87
*ATTENUATOR 16 FS DN
$97
(*SP.8 cm)
$A7
$B7
*JP 3-value output off
$88
*CDROMXA
$98
(*SP.12 cm)
$A8
*DISC 8 cm SET
$B8
$89
*ADDRESS FREE 1 CHECK
$99
(*SP.OFF)
$A9
*DISC 12 cm SET
$B9
$8A
$9A
(*SLED.ON)
$AA
$BA
$8B
*ROMXA RESET
$9B
(*SLED.OFF)
$AB
$BB
$8C
TRACK JMP BRK
$9C
(*EF.BAL.START)
$AC
*VCO
× 2 SET
$BC
$8D
*OSC OFF
$9D
(*T.SERVO.OFF)
$AD
*VCO
× 1 SET
$BD
$8E
*OSC ON
$9E
(*T.SERVO.ON)
$AE
*VCO
× 0.5 SET
$BE
$8F
*TRACKING ON
$9F
$AF
$BF
$C0
$D0
$E0
$F0
*@TRACK CHECK IN
(2 bytes DETECT)
$C1
*Double-speed playback
$D1
$E1
$F1
$C2
*Normal speed playback
$D2
$E2
$F2
$C3
$D3
$E3
$F3
$C4
*Internal braking off
$D4
$E4
$F4
$C5
*Internal braking on
$D5
$E5
$F5
$C6
$D6
$E6
$F6
$C7
$D7
$E7
$F7
$C8
$D8
*HDCD CTRL REG SET
$E8
$F8
*@TRACK CHECK OUT
(2-byte command)
(2 bytes DETECT)
$C9
*CK2 polarity reversed
$D9
$E9
$F9
$CA
*Internal BRK-DMC low
$DA
$EA
$FA
$CB
*Internal BRK-DMC high
$DB
*PORT I/O SET
$EB
$FB
$CC
*During internal braking:
$DC
*PORT OUTPUT SET
$EC
$FC
TOFF
$CD
*During internal braking:
$DD
PORT READ
$ED
$FD
TON
$CE
*X’tal 16M
$DE
PORT READ
$EE
*Command noise reduction
$FE
@NOTHING
off
$CF
$DF
$EF
*Command noise reduction
$FF
*@2 bytes CMD RESET
on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com