Electronic Components Datasheet Search
  English  ▼

X  

LC78628 Datasheet(PDF) 25 Page - Sanyo Semicon Device

Part # LC78628
Description  Compact Disc Player DSP with Built-in HDCD Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78628 Datasheet(HTML) 25 Page - Sanyo Semicon Device

Back Button LC78628 Datasheet HTML 21Page - Sanyo Semicon Device LC78628 Datasheet HTML 22Page - Sanyo Semicon Device LC78628 Datasheet HTML 23Page - Sanyo Semicon Device LC78628 Datasheet HTML 24Page - Sanyo Semicon Device LC78628 Datasheet HTML 25Page - Sanyo Semicon Device LC78628 Datasheet HTML 26Page - Sanyo Semicon Device LC78628 Datasheet HTML 27Page - Sanyo Semicon Device LC78628 Datasheet HTML 28Page - Sanyo Semicon Device LC78628 Datasheet HTML 29Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Peak Extension (PE)
HDCD includes a function called peak extension. Peak extension is an optional function that applies a digitally
implemented soft limit (6 dB) to rare peaks in the music signal before recording on the disc. HDCD discs include ones to
which peak extension has been applied, and ones to which peak extension has not been applied. The LC78628E HDCD
decoder block automatically detects this optional peak extension processing and restores the attenuated peaks to their
original shape.
Gain Scaling (GS)
After decoding, recordings to which peak extension was applied have peaks that are 6 dB higher, and the D/A converter
must reproduce these peaks. Therefore, the D/A converter input block average level is reduced by 6 dB. This average
level must be matched to the average level when recordings made without peak extension or non-HDCD recordings are
played back. This average level adjustment is called gain scaling (GS).
The LC78628E allows applications to switch between performing this gain scaling digitally within the IC or externally
using analog circuits. The EXSCA flag in the HDCD control register is used for this setting. The GAIN pin is used as the
control signal if gain scaling is performed in the analog domain.
Low-Level Extension (LLE)
HDCD includes a function called low-level extension. This is a function that compares the average level of a song to a
threshold level and raises that average level (i.e., it compresses the low levels). This is an optional function, and there are
both HDCD recordings that are made with low-level extension, and ones in which it is not used. The LC78628E
automatically recognizes low-level extension discs and returns compressed low levels to their original values.
HDCD Signal Output — Pin 25: HDCD
If the disc being played back was HDCD encoded, the HDCD output pin outputs a high level. At all other times it outputs
a low level. This pin output can be used in end products to provide an LED indicator that indicates when an HDCD disc
is being played. The HDCD signal can also be read by the control microprocessor using the port input instruction.
Gain Signal Output — Pin 37: GAIN
The GAIN pin is used when gain scaling is performed in the analog domain. This pin must be left open if gain scaling is
performed in the digital domain.
When analog gain scaling is used, a high level is output from the GAIN pin to indicate that peak extension processing
had been applied to the disc being played back. A low level is output from the GAIN pin for HDCD discs that did not
have peak extension applied and for non-HDCD discs. For analog domain gain scaling, the application must include an
external circuit that, when the GAIN pin output level is high, increases the output level by 6 dB over the level when the
pin output level is low. The GAIN signal can also be read out using the port input instruction.
Digital Attenuator
The HDCD filter block includes a digital attenuator that allows the attenuation level to be set in 0.5 dB steps with
commands. After a reset, the attenuation level goes to fully muted (the –
∞ muted state with an attenuation code of $00).
This means that applications must set the attenuation code to $FF (the maximum setting value) to output the audio signal.
The attenuation code can be set to one of 256 values from $00 to $FF (0.5 dB steps) by applying commands from the
control microprocessor. The setting command is a 2-byte command. This command differs from the 2-byte command
used for track checking, and is the type where 16 bits of command data are transferred consecutively after setting RWC
high. There is no need to send the 2-byte command reset instruction ($FF) after using this command. (See the “Two-byte
commands (RWC set once)” section on page 13.)
No. 6329-25/40
LC78628E
EXSCA
Gain scaling type
RES = low
0
Digital gain scaling
q
q
1
Analog gain scaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com